Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4423 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # 2SC4423
Description  400V/12A Switching Regulator Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC4423 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  2SC4423 Datasheet HTML 1Page - Sanyo Semicon Device 2SC4423 Datasheet HTML 2Page - Sanyo Semicon Device 2SC4423 Datasheet HTML 3Page - Sanyo Semicon Device 2SC4423 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Specifications of any and all SANYO products described or contained herein stipulate the performance,
characteristics, and functions of the described products in the independent state, and are not guarantees
of the performance, characteristics, and functions of the described products as mounted in the customer's
products or equipment. To verify symptoms and states that cannot be evaluated in an independent device,
the customer should always evaluate and test devices mounted in the customer's products or equipment.
SANYO Electric Co., Ltd. strives to supply high-quality high-reliability products. However, any and all
semiconductor products fail with some probability. It is possible that these probabilistic failures could
give rise to accidents or events that could endanger human lives, that could give rise to smoke or fire,
or that could cause damage to other property. When designing equipment, adopt safety measures so
that these kinds of accidents or events cannot occur. Such measures include but are not limited to protective
circuits and error prevention circuits for safe design, redundant design, and structural design.
In the event that any or all SANYO products(including technical data,services) described or
contained herein are controlled under any of applicable local export control laws and regulations,
such products must not be expor ted without obtaining the expor t license from the author ities
concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system,
or otherwise, without the prior written permission of SANYO Electric Co., Ltd.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification"
for the SANYO product that you intend to use.
Information (including circuit diagrams and circuit parameters) herein is for example only ; it is not
guaranteed for volume production. SANYO believes information herein is accurate and reliable, but
no guarantees are made or implied regarding its use or any infringements of intellectual property rights
or other rights of third parties.
This catalog provides information as of January, 2004. Specifications and information herein are subject
to change without notice.
2SC4423
PS No.2854–4/4


Similar Part No. - 2SC4423

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4423 ISC-2SC4423 Datasheet
156Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4423 SAVANTIC-2SC4423 Datasheet
222Kb / 4P
   Silicon NPN Power Transistors
2SC4423 SAVANTIC-2SC4423 Datasheet
224Kb / 4P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4423 NJSEMI-2SC4423 Datasheet
134Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - 2SC4423

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB922L SANYO-2SB922L Datasheet
94Kb / 3P
   80V/12A Switching Applications
logo
ON Semiconductor
2SB826 ONSEMI-2SB826 Datasheet
101Kb / 4P
   50V / 12A Switching Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
2SB828 SANYO-2SB828 Datasheet
98Kb / 3P
   50V/12A Switching Applications
2SB826 SANYO-2SB826 Datasheet
98Kb / 3P
   50V/12A Switching Applications
2SB1136 SANYO-2SB1136 Datasheet
102Kb / 3P
   50V/12A Switching Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
Sanyo Semicon Device
2SB903 SANYO-2SB903 Datasheet
105Kb / 3P
   30V/12A High-Speed Switching Applications
2SC3184 SANYO-2SC3184 Datasheet
92Kb / 3P
   Switching Regulator Applications
2SC3450 SANYO-2SC3450 Datasheet
91Kb / 3P
   Switching Regulator Applications
2SC3994 SANYO-2SC3994 Datasheet
95Kb / 3P
   Switching Regulator Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com