Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0923211630 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0923211630
Description  1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50-to-QF-50, 16 Circuits, 0.30m (11.81") Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0923211630 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0923211630 Datasheet HTML 1Page - Molex Electronics Ltd. 0923211630 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0923211630
Status:
Active
Overview:
qf50
Description:
1.27mm (.050") Pitch QF-50™ Cable Assembly, QF-50™-to-QF-50™, 16 Circuits,
0.30m (11.81") Length
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable Assemblies
Series
92321
Connector to Connector
QF-50™-to-QF-50™
Overview
qf50
Product Name
QF-50™
Physical
Cable Length
0.30m (11.81")
Circuits (Loaded)
16
Gender
Female-Female
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Single Ended
No
Wire/Cable Type
Ribbon Cable
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-92321-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
92321Series
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0923211630

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0923211610 MOLEX11-0923211610 Datasheet
98Kb / 2P
   1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50-to-QF-50, 16 Circuits, 0.10m (3.94") Length
0923211620 MOLEX11-0923211620 Datasheet
98Kb / 2P
   1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50-to-QF-50, 16 Circuits, 0.20m (7.87") Length
0923211640 MOLEX11-0923211640 Datasheet
98Kb / 2P
   1.27mm (.050") Pitch QF-50 Cable Assembly, QF-50-to-QF-50, 16 Circuits, 0.40m (1.31 ) Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com