Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


E-112008-0008 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. E-112008-0008
Description  eNetMeter DN diagnostic tool for DeviceNet
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 1 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120080008
Status:
Active
Overview:
Description:
eNetMeter DN diagnostic tool for DeviceNet
General
Product Family
Field Attachable / Accessories
Series
112008
Approvals
ODVA, UL, CUL, CE
Comments
eNetMeter DN; monitors approx. 9,500 parameters
Communication Speed
10 / 100 Mbaud (Auto), 125, 250, 500 Kbaud
IP Rating
IP20
Overview
enetmeter_dn
Product Name
DeviceNet*
Type
eNetMeter
Physical
Cable Diameter
N/A
Coupling Type
N/A
Diagnostics / LEDs
Yes
Diagnostics Port
Yes
Gender
N/A
Keyway
N/A
Material - Connector Body
N/A
Material - Contact
N/A
Material - Coupling Nut
N/A
Material - Plating Mating
n/a
Orientation
N/A
Poles
N/A
Temperature Range - Operating
0°C to +60°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
N/A
Voltage - Maximum
11-25V DC
Material Info
Old Part Number
SST-ENM-DN1
Reference - Drawing Numbers
Sales Drawing
E-112008-0008
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112008Series
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl