Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


E-112016-0019 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. E-112016-0019
Description  BradCommunications SST PROFIBUS Scanner for Allen-Bradley ControlLogix, includes Remote Link
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 2 page
background image
Features
Enhanced design!
100% backward compatible with
previous generation
(SST-PFB-CLX)
Up to 2 times faster
Easier to change module’s
configuration with PLC in RUN
mode
Runs without ladder code
Module can “Set Slave” address
Dynamically add/remove
Profibus slaves from scan list
Remote Configuration and
diagnostic through RSLinx ®
Profibus modules can be used in
Local or Remote (through CIP
networks) Racks
Certified PROFIBUS CommDTM
driver for FDT Frame engineering
tools
Provides user-defined data space
up to 1984 Bytes Input and
1968 Bytes Output
Supports all PROFIBUS baud rates
including 45.45 kbps
Manages DP-V1 Services
Simultaneous operation of
PROFIBUS DP Master and Slave
Multiple SST-PB3-CLX-RLL modules
can be used in one CLX rack
Protocols
PROFIBUS DP-V0 Master Class 1&2
PROFIBUS DP-V1 Master Class 1&2
PROFIBUS DP-V0 Slave
Typical Applications
Chemical or pharmaceutical
application running PROFIBUS PA
Machine builder application with
high-speed control requirements
PROFIBUS® DP Master/Slave
For the Rockwell ControlLogix® Controller
Overview
The BradCommunications
SSTProfibus® module connects your Rockwell
ControlLogix
® controller to Profibus as a master or slave to scan or emulate
PROFIBUS DP I/O. With the new user-defined data space of 1984 Bytes Input and
1968 Bytes Output, the BradCommunications
SSTProfibus module provides a
cost efficient solution to connect the ControlLogix CPU with large PROFIBUS
networks.
Remote Link Library
The Remote Link Library software provides added functionality to the
BradCommunications SST Profibus module by allowing you to remotely monitor or
download changes to your Profibus configuration. This is done by routing data from
the BradCommunications SST Profibus DP Master Configuration software through
Rockwell Automation
®’s RSLinx software via Ethernet to the Allen-Bradley
ControlLogix backplane. The Profibus Scanner can be used on a Local Rack or on
a Remote Rack through CIP networks like EtherNet/IP or ControlNet
CommDTM Driver for FDT Tools
By purchasing SST-PB3-CLX-DTM part number, you will get the driver license to
use the certified CommDTM driver conforms to FDT v1.2 specifications. It is the
ideal solution for connecting FDT engineering tools such as PACTware
or
FieldCare
to PROFIBUS. It allows the linking with Device DTMs for the
configuration and diagnostics with DP-V1 devices including Profibus PA field
instruments.
- Fieldcare Screenshot -
- Pactware Screenshot -
The BradCommunicationsSST Profibus communication
module connects your Rockwell ControlLogix® controller
to PROFIBUS DP network.
30 Oct. 09
DW200588




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl