Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0945529012 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0945529012
Description  Housing A USCAR, Receptacle for Mox Terminal 0.64 mm, 12 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0945529012 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0945529012 Datasheet HTML 1Page - Molex Electronics Ltd. 0945529012 Datasheet HTML 2Page - Molex Electronics Ltd. 0945529012 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


Similar Part No. - 0945529012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0945529008 MOLEX11-0945529008 Datasheet
208Kb / 3P
   Housing B USCAR, Receptacle for Mox Terminal 0.64 mm, 8 Circuits
More results

Similar Description - 0945529012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94552-9012 MOLEX11-94552-9012 Datasheet
37Kb / 1P
   Housing A USCAR, Receptacle for MOX Terminal 0.64 mm, 12 Circuits
94552-9008 MOLEX11-94552-9008 Datasheet
37Kb / 1P
   Housing B USCAR, Receptacle for MOX Terminal 0.64 mm, 8 Circuits
0945529008 MOLEX11-0945529008 Datasheet
208Kb / 3P
   Housing B USCAR, Receptacle for Mox Terminal 0.64 mm, 8 Circuits
98684-0001 MOLEX11-98684-0001 Datasheet
44Kb / 1P
   MOST Receptacle Housing, for 0.635mm MOX Terminals, 12 Circuits, Key A, Black
98684-0002 MOLEX11-98684-0002 Datasheet
36Kb / 1P
   MOST Receptacle Housing, for 0.635mm MOX Terminals, 12 Circuits, Key B, Natural
0981990001 MOLEX1-0981990001_18 Datasheet
51Kb / 1P
   2.54mm Pitch, MOX Receptacle Housing, FFC, 6 Circuits, Natural
0314081121 MOLEX4-0314081121 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 12 Circuits, Polarization B, Gray
0314081122 MOLEX4-0314081122 Datasheet
434Kb / 4P
   USCAR 2.54mm (.100?? Pitch Receptacle, 12 Circuits, Polarization C, Brown
98199-0001 MOLEX11-98199-0001 Datasheet
63Kb / 1P
   2.54mm Pitch, MOX Receptacle Housing, FFC, 6 Circuits, Natural
98786-1019 MOLEX11-98786-1019 Datasheet
40Kb / 2P
   2.54mm Pitch MOX Receptacle Housing, 6 Circuits, Dual Row, Brown
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com