Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95503-2661 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 95503-2661
Description  6/6 JACK THROUGH HOLE NO KEY VERSION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

95503-2661 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  95503-2661 Datasheet HTML 1Page - Molex Electronics Ltd. 95503-2661 Datasheet HTML 2Page - Molex Electronics Ltd. 95503-2661 Datasheet HTML 3Page - Molex Electronics Ltd. 95503-2661 Datasheet HTML 4Page - Molex Electronics Ltd. 95503-2661 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Current - Maximum per Contact
1.5A
Shielded
No
Voltage - Maximum
125V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-95003
Sales Drawing
SD-95503-003
Test Summary
STR-1181
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 95503-2661

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
95503-2641 MOLEX11-95503-2641 Datasheet
200Kb / 5P
   6/4 JACK THROUGH HOLE NO KEY VERSION
More results

Similar Description - 95503-2661

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0955032641 MOLEX11-0955032641 Datasheet
200Kb / 5P
   6/4 JACK THROUGH HOLE NO KEY VERSION
0955032661 MOLEX1-0955032661_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole,6/6, No Key Version, Tray
0955032641 MOLEX1-0955032641_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 6/4, No Key Version, Tray
0955032881 MOLEX11-0955032881 Datasheet
200Kb / 5P
   8/8 JACK THROUGH HOLE NO KEY VERSION
0955032441 MOLEX11-0955032441 Datasheet
200Kb / 5P
   4/4 JACK THROUGH HOLE NO KEY VERSION
0955022663 MOLEX11-0955022663 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 6/6 Circuits
0955032882 MOLEX11-0955032882 Datasheet
200Kb / 5P
   8/8 JACK THROUGH HOLE WITH KEY VERSION
0955036671 MOLEX11-0955036671 Datasheet
266Kb / 6P
   6/6 JACK SMT VERSION
0955022643 MOLEX11-0955022643 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 6/4 Circuits
0955032881 MOLEX1-0955032881_18 Datasheet
30Kb / 2P
   Modular Jack, Vertical, Top Entry, Through Hole, 8/8, No Key Version, Tray
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com