Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-112021-0014 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # E-112021-0014
Description  BradCommunications Direct-Link PCU-CANIO CANopen card , PCI-Universal bus 3.3/5V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

E-112021-0014 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  E-112021-0014 Datasheet HTML 1Page - Molex Electronics Ltd. E-112021-0014 Datasheet HTML 2Page - Molex Electronics Ltd. E-112021-0014 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120210014
Status:
Active
Description:
BradCommunications™ Direct-Link™ PCU-CANIO CANopen card , PCI-Universal bus,
3.3/5V
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112086
Approvals
N/A
Communication Speed
1K to 1M bps
Mounting Style
N/A
Product Name
Direct-Link®
Protocol
CANopen* Master
Type
CANopen* Card
Physical
Channels
1
Interface
CANopen*
Network Connection Type
D-Sub Female (9 pin)
Packaging Type
Carton
Processor
AMD SD520
Temperature Range - Operating
0°C to +65°C
Electrical
EMC
N/A
Supply Voltage
6W (max. 1.2A)
Material Info
Old Part Number
DRL-CNO-PCU
Reference - Drawing Numbers
Sales Drawing
E-112021-0014
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112086Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - E-112021-0014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
E-112023-0007 MOLEX11-E-112023-0007 Datasheet
309Kb / 3P
   Direct-Link PC104-CANIO CANopen Master PC/104 card
More results

Similar Description - E-112021-0014

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120230007 MOLEX11-1120230007 Datasheet
309Kb / 3P
   Direct-Link PC104-CANIO CANopen Master PC/104 card
1120005029 MOLEX11-1120005029 Datasheet
398Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for Modbus TCP/UDP Client
1120005031 MOLEX11-1120005031 Datasheet
410Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for PROFINET IOController & IO-Device
1120005030 MOLEX11-1120005030 Datasheet
409Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
1120030004 MOLEX11-1120030004 Datasheet
306Kb / 3P
   Direct-Link PCU-DVNIO DeviceNet Mstr/Slave card (Univ. PCI)
1120050009 MOLEX11-1120050009 Datasheet
305Kb / 3P
   BradCommunications Direct-Link PC104-DVNIO DeviceNet card, PC/104 bus
1120050048 MOLEX-1120050048 Datasheet
38Kb / 1P
   SST DN4 DeviceNet PCU Card 2 Channels, PCI 3.3/ 5V - DLL/LIB - Control
1120115028 MOLEX11-1120115028 Datasheet
1Mb / 6P
   Direct-Link PCU-DPIO Profibus-DP Master/Slave 12 Mbps, PCI Express 1x
logo
Exar Corporation
XR17D152IM-F EXAR-XR17D152IM-F Datasheet
727Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
XR17D152 EXAR-XR17D152 Datasheet
772Kb / 68P
   UNIVERSAL (3.3V AND 5V) PCI BUS DUAL UART
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com