Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


E-112005-0016 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. E-112005-0016
Description  DeviceNet card, PC/104, 1 channel
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 3 page
background image
To contact us: www.woodhead.com
Reference Number: DW2006148 Date Published: December 2008
North America: US: + 1 800 225 7724 – Canada: +1 519 725 5136
Europe:
France: +33 2 32 96 04 20 – Germany: +49 7252 94 96 0– Italy: +39 010 59 30 77 –
United Kingdom: +44 1495 356300
Asia:
Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717
Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950
Brad is a registered trademark and BradCommunications and SST are trademarks of Molex Incorporated.
© 2008 Molex
SSTDeviceNet Interfaces
Hardware Specifications
PCI
PC/104
Bus Interface
32-bit, 33 MHz, PCI universal 3.3/5V interface
(compliant signaling with PCI v2.2)
16-bit PC/104 interface
(compliant with PC/104, spec 2.3)
Processor
66 MHz ColdFire, per channel
Memory
128 bytes for PCI configuration
256 KB of shared RAM per channel
Diagnostics
Bi-color LEDs showing card status
PCI: health, communication
PC/104: power, health, communication
Interrupts
Hardware Plug & Play
(32 Kbytes used per card)
Software selectable level
IRQ 2/9,5,7,10,11,12,15; standard TTL drive
Dimensions (LxW)
Standard half-length
9.588 cm x 9.017 cm (3.775 in x 3.550 in)
Consumption
5.2 W
5.0 W
Typical Current Draw
+5V, ± 5 % 1.03 A (2 channel)
+5V, ± 5 %, 1000 mA 2 channel
Voltage Requirements
5 V
Addressing: Memory
A 256 Kbytes window available per channel
256K in a window of
8K, 16K, 32K, 64K, 128K or 256K bytes
on even window boundary between 512K and 1Mb
Addressing: I/O
8 bytes allocated per channel
8 bytes on any even 8-bit boundary
from 200h-2F8h or 600h-6F8h
Operating Temperature
0º C (32º F) up to +55º C (131º F)
Storage Temperature
-40º C (-40º F) up to +85 ºC (185º F)
Humidity
5% to 95% non-condensing
Network Specifications:
Protocol
DeviceNet
Master – Group 2 Client, Group 2 only Client
DeviceNet Slave – Group 2 Server
CAN 2.0 B
Isolated CAN physical layer on each channel
Cable
Shielded twisted pair, compatible with target network
Connector
DeviceNet compliant 5-pin CAN connector
External Power
11-24 VDC, 50 mA typical
Isolation
500 V
Data Rate
Up to 1 Mbaud for CAN
125K, 250K and 500K baud for DeviceNet
RoHS Compliant
Yes
Yes
Ordering Information
SAP Material
Number
Catalog Number
Product Description
1120030013
1120030018
SST-DN3-PCU-1
SST-DN3-PCU-2
DeviceNet card, Universal PCI bus (3.3V / 5V), 1 channel
DeviceNet card, Universal PCI bus (3.3V / 5V), 2 channels
1120050016
1120050024
SST-DN3-104-1
SST-DN3-104-2
DeviceNet card, PC/104, 1 channel
DeviceNet card, PC/104, 2 channels
Not required
1120300007
1120300006
1120270014
SST-DN3-DIA
SST-DN3-CNF-U
SST-DN3-CNF-P
SST-DN3-OPC
DeviceNet diagnostic tool
DeviceNet software console with USB key (includes network analyzer)
DeviceNet software console with parallel port key (includes network analyzer)
OPC Data Server software (must purchase at least one SST- DN3-CNF)
Included with SST-DN3 interface cards




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl