Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


E-112005-0016 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. E-112005-0016
Description  DeviceNet card, PC/104, 1 channel
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 2 page
background image
Features
High performance - DeviceNet
protocol executed on the card
Diagnostic LEDs
UCMM (Unconnected Message
Manager) capable; Group 1, 2, and
3 dynamic explicit connections
supported
Provides simultaneous execution of
Group 2 Client (Master) and Server
(Slave) operation
Supports all DeviceNet standard
baud rates: 125, 250, and 500
Kbaud
Supports Poll, Strobe, Change of
State (COS) and Cyclic I/O
messaging
Supports fragmented Explicit and
I/O messages
Provides Client (Master) explicit
messaging to slave devices
OS and Drivers Supported
Windows 2000 / XP drivers
The Console; a grouping of
software tools including OPC
server configuration and diagnostic
tools
Open, documented memory map
interface with example C source
code and Windows 32-bit DLLs for
custom driver development
SSTInterfaces for DeviceNet
For Controlling and Monitoring DeviceNet Applications
BradCommunicationsSSTDeviceNetInterfaces
provide high-performance control and the support
required for your DeviceNet applications.
Overview
BradCommunications
SSTnetwork interface cards are ideal for applications
where high-performance control and reliability are required. Backed by superior
support and service, BradCommunications network interfaces support a wide
range of network protocols and bus formats.
BradCommunications SST network interface cards for DeviceNet can be found in
many applications including:
Operator Interface
Human-Machine Interface
PC Control
Device Development
Network Diagnostics
BradCommunications SST network interface cards for DeviceNet undergo
DeviceNet conformance testing and support DeviceNet specifications; including
all DeviceNet standard baud rates, Poll, Strobe, Change of State (COS) and
Cyclic I/O messaging.
Software Tools
Software available for the SST DeviceNet Interface Cards enables fast integration
of industrial communication into your application.
BradCommunications SST
PCI bus DeviceNet interface




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl