Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501826-3201 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 501826-3201
Description  CMC Wire-to-Wire Connector Plug Housing Wire Dress Cover, 32 Circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

501826-3201 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  501826-3201 Datasheet HTML 1Page - Molex Electronics Ltd. 501826-3201 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5018263201
Status:
Active
Overview:
cmc_connectors
Description:
CMC Wire-to-Wire Connector Plug Housing Wire Dress Cover, 32 Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
501826
Component Type
Cover
Overview
cmc_connectors
Product Name
CMC
Physical
Breakaway
No
Circuits (Loaded)
N/A
Color - Resin
Black
Gender
N/A
Material - Resin
Nylon
Number of Rows
0
Packaging Type
Bag
Polarized to Mating Part
N/A
Temperature Range - Operating
-40°C to +100°C
Material Info
Reference - Drawing Numbers
Application Specification
AS-500993-002
Packaging Specification
SPK-501826-001
Product Specification
RPS-500993-001
Sales Drawing
SD-501826-001
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501826Series
Use With
501820 Plug Housing
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 501826-3201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5018263201 MOLEX1-5018263201_18 Datasheet
36Kb / 1P
   CMC Wire-to-Wire Connector Plug Housing Wire Dress Cover, 32 Circuits
More results

Similar Description - 501826-3201

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5018263201 MOLEX1-5018263201_18 Datasheet
36Kb / 1P
   CMC Wire-to-Wire Connector Plug Housing Wire Dress Cover, 32 Circuits
5018303201 MOLEX11-5018303201 Datasheet
145Kb / 3P
   CMC Wire-to-Wire Connector Rec Housing Wire Dress Cover, 32 Circuits
5018303201 MOLEX1-5018303201_18 Datasheet
30Kb / 1P
   CMC Wire-to-Wire Connector Rec Housing Wire Dress Cover, 32 Circuits
5018203201 MOLEX1-5018203201 Datasheet
56Kb / 2P
   CMC Wire-to-Wire Connector Plug Housing Assembly, 32 Circuits
501820-3201 MOLEX11-501820-3201 Datasheet
67Kb / 1P
   CMC Wire-to-Wire Connector Plug Housing Assembly, 32 Circuits
0986491003 MOLEX1-0986491003_18 Datasheet
62Kb / 2P
   CMC Wire Cap for 32 Circuits CMC Receptacle
0643191201 MOLEX7-0643191201 Datasheet
177Kb / 3P
   CMC Wire Cap for 32 Circuits, CMC Receptacle Mat Sealed
logo
Adam Technologies, Inc.
DMH-F-XX ADAM-TECH-DMH-F-XX Datasheet
171Kb / 1P
   WIRE TO WIRE CONNECTOR HOUSING
logo
Molex Electronics Ltd.
0643191201 MOLEX1-0643191201_18 Datasheet
69Kb / 2P
   CMC Wire Cap for 32 Circuits, CMC Receptacle Mat Sealed
35150-0612 MOLEX11-35150-0612 Datasheet
42Kb / 1P
   Wire-to-Wire VersaBlade Hybrid Plug Housing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com