Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-501531-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-501531-001
Description  0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-501531-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-501531-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-501531-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-501531-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-501531-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-501531-001 Datasheet HTML 5Page - Molex Electronics Ltd. SD-501531-001 Datasheet HTML 6Page - Molex Electronics Ltd. SD-501531-001 Datasheet HTML 7Page - Molex Electronics Ltd. SD-501531-001 Datasheet HTML 8Page - Molex Electronics Ltd. SD-501531-001 Datasheet HTML 9Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
This document was generated on 05/26/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5015310510
Status:
Active
Overview:
slimstack_mm016_pitch
Description:
0.40mm (.016") Pitch SlimStack™ Board-to-Board, Plug, SMT, Dual Row, Vertical
Stacking, 1.30mm (.051") Stacking Height, With Solder Tabs, 50 Circuits
Documents:
3D Model
Product Specification PS-501527-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
501531
Application
Board-to-Board
Overview
slimstack_mm016_pitch
Product Name
SlimStack™
Physical
Breakaway
No
Circuits (Loaded)
50
Color - Resin
Black
Durability (mating cycles max)
30
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Mated Height (in)
0.051 In
Mated Height (mm)
1.30 mm
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Gold
Number of Rows
2
Orientation
Vertical
PCB Locator
No
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.016 In
Pitch - Mating Interface (mm)
0.40 mm
Polarized to Mating Part
No
Polarized to PCB
No
Stackable
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.3A
Voltage - Maximum
50V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-501531-001
Product Specification
PS-501527-001, RPS-501527-001, RPS-501527-003,
RPS-501527-004
Sales Drawing
SD-501531-001, SD-501531-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
501531Series
Mates With
501527 SlimStack™ Board-to-Board
Receptacle


Similar Part No. - SD-501531-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-501531-001 MOLEX11-SD-501531-001 Datasheet
459Kb / 9P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking
SD-501531-001 MOLEX11-SD-501531-001 Datasheet
459Kb / 9P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking
SD-501531-001 MOLEX11-SD-501531-001 Datasheet
459Kb / 9P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051")
SD-501531-001 MOLEX11-SD-501531-001 Datasheet
227Kb / 5P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051") Stacking
SD-501531-001 MOLEX11-SD-501531-001 Datasheet
459Kb / 9P
   0.40mm (.016") Pitch SlimStack Board-to-Board, Plug, SMT, Dual Row, Vertical Stacking, 1.30mm (.051")
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com