Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

95043-5897 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 95043-5897
Description  Modular Plug, Short Body, Shielded, 8/8, Black Boot, Cat5 for 6.00mm (.236") Cable Outside Diameter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

95043-5897 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  95043-5897 Datasheet HTML 1Page - Molex Electronics Ltd. 95043-5897 Datasheet HTML 2Page - Molex Electronics Ltd. 95043-5897 Datasheet HTML 3Page - Molex Electronics Ltd. 95043-5897 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0950435897
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Plug, Short Body, Shielded, 8/8, Black Boot, Cat5 for 6.00mm (.236") Cable
Outside Diameter
Documents:
3D Model
Product Specification PS-95043 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Modular Jacks/Plugs
Series
95043
Comments
Colored Boot|Cable to Plug Tensile Strength: 98.0N (22
lb)
Component Type
Wire Plug
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
5
Power over Ethernet (PoE)
N/A
Product Name
RJ45
Physical
Boot Color
BLACK
Color - Resin
Clear
Durability (mating cycles max)
750
Inverted / Top Latch
N/A
Lightpipes/LEDs
None
Material - Metal
Copper Alloy, Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polycarbonate
Orientation
N/A
PCB Locator
No
PCB Retention
None
Packaging Type
Bag
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Plating min: Mating (µin)
12
Plating min: Mating (µm)
0.3
Plating min: Termination (µin)
50.8
Plating min: Termination (µm)
1.27
Ports
1
Positions / Loaded Contacts
8/8
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +60°C
Termination Interface: Style
IDT or Pierce
Waterproof / Dustproof
No
Wire/Cable Type
Round
Electrical
Current - Maximum per Contact
1.5A
Grounding to Panel
N/A
Shielded
Yes
Voltage - Maximum
125V AC (RMS)/DC
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
95043Series
Mates With
FCC 68 Jacks


Similar Part No. - 95043-5897

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
95043-5891 MOLEX11-95043-5891 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Black Boot, Cat5 for 6.00mm (.236") Cable Outside Diameter
95043-5892 MOLEX11-95043-5892 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Beige/Gray Boot, Cat5 for 6.00mm (.236") Cable Outside Diameter
95043-5893 MOLEX11-95043-5893 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Green Boot, Cat5 for 6.00mm (.236") Cable Outside Diameter
95043-5895 MOLEX11-95043-5895 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Yellow Boot, Cat5 for 6.00mm (.236") Cable Outside Diameter
95043-5896 MOLEX11-95043-5896 Datasheet
196Kb / 4P
   Modular Plug, Short Body, Shielded, 8/8, Blue Boot, Cat5 for 6.00mm (.236") Cable Outside Diameter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com