Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

884030K03M050 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 884030K03M050
Description  Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

884030K03M050 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  884030K03M050 Datasheet HTML 1Page - Molex Electronics Ltd. 884030K03M050 Datasheet HTML 2Page - Molex Electronics Ltd. 884030K03M050 Datasheet HTML 3Page - Molex Electronics Ltd. 884030K03M050 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A
7
8
9
10
6
5
3
4
2
1
B
C
D
E
F
A
B
C
D
E
F
7
8
9
6
5
3
4
2
10
1
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A3
MICRO-CHANGE CORDSET
3/4/5 P. FE STR/ MA STR
18/3-5 YELLOW TPE CABLE
METRIC
1:1
IN/MM
SD-120066-020
LSTEMMLE
RE
FPACHER
DATE
DATE
DATE
2010/02/01
2010/02/02
2010/02/03
---
.01
---
---
0.3
---
---
---
---
1
THIRD ANGLE
PROJECTION
0
0
1 OF 1
SEE TABLE SHEET 2


Similar Part No. - 884030K03M050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
884030K03M010 MOLEX11-884030K03M010 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
884030K03M020 MOLEX11-884030K03M020 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
884030K03M030 MOLEX11-884030K03M030 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
884030K03M040 MOLEX11-884030K03M040 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
More results

Similar Description - 884030K03M050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200660883 MOLEX11-1200660883 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 2.0M (6.56 )
1200660881 MOLEX11-1200660881 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 1.0M (3.28 )
1200660891 MOLEX11-1200660891 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 4.0M (13.12 )
1200660887 MOLEX11-1200660887 Datasheet
259Kb / 4P
   Micro-Change (M12) 4 Pole, Female (Straight) to Male (Straight) Cordset, 4-18 AWG TPE Cable, 3.0M (9.84 )
1200660905 MOLEX-1200660905 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 14.0m (13.12) Length
02/01/2023
1200660908 MOLEX-1200660908 Datasheet
49Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 17.0m (55.76) Length
02/01/2023
1200660907 MOLEX-1200660907 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 16.0m (52.49) Length
02/14/2023
1200660901 MOLEX-1200660901 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 9.0m (29.53) Length
01/31/2023
1200660880 MOLEX-1200660880 Datasheet
42Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 0.60m (1.97) Length
02/01/2023
1200660878 MOLEX-1200660878 Datasheet
43Kb / 2P
   Micro-Change (M12) Double-Ended Cordset, 4 Poles, Female (Straight) to Male (Straight), 18 AWG, TPE Cable, 0.305m (1.0) Length
02/13/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com