Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

W08S00P19M100G Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # W08S00P19M100G
Description  Micro-Change (M12) Single-Ended Cordset, Female - Pigtail, Straight, 8 Poles, Length 10.0m (32.81 ), Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

W08S00P19M100G Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  W08S00P19M100G Datasheet HTML 1Page - Molex Electronics Ltd. W08S00P19M100G Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A2
M12-AU-8P-FE-STR-
8/25PURSH-XM
----
METRIC
2:1
MM
SD-120083-021
BB
RE
REISSNER
DATE
DATE
DATE
2009/09/25
2009/10/01
2009/11/20
----
----
----
----
0.1
0.05
----
----
----
1
J
I
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
13
J
I
H
G
F
E
D
C
B
A
13
FIRST ANGLE
PROJECTION
see table
1 OF 1
0
0


Similar Part No. - W08S00P19M100G

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
W08S00P19M060 MOLEX11-W08S00P19M060 Datasheet
123Kb / 2P
   Micro-Change (M12) Ultra-Lock Single-Ended Cordset, Female - Pigtail, Straight, 8 Poles
More results

Similar Description - W08S00P19M100G

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200835152 MOLEX11-1200835152 Datasheet
127Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, Male - Pigtail, Straight, 8 Poles, Length 10.0m (32.81 ), Black
1200658972 MOLEX-1200658972 Datasheet
32Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail, 24 AWG, 10.0m (32.81) Length
02/01/2023
1200060638 MOLEX-1200060638 Datasheet
28Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 0.34mm² Black PVC Cable, 10.0m (32.81) Length
01/31/2023
1200658190 MOLEX-1200658190 Datasheet
38Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 0.34mm² Black PUR LSOH Cable, 10.0m (32.81) Length
01/31/2023
1200651782 MOLEX-1200651782 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 0.34mm² PUR/PVC Cable, 10.0m (32.81) Length
01/31/2023
1200060649 MOLEX-1200060649 Datasheet
27Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 0.34mm² PUR/PVC Cable, 10.0m (32.81) Length
02/01/2023
1200060657 MOLEX-1200060657 Datasheet
31Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (90°) to Pigtail, 0.34mm² Black PVC Cable, 10.0m (32.81) Length
01/31/2023
1200062209 MOLEX-1200062209 Datasheet
38Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail, 0.34mm² Black PVC Cable, 10.0m (32.81) Length
02/02/2023
1200658644 MOLEX-1200658644 Datasheet
25Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Female (Straight) to Pigtail
1200651373 MOLEX-1200651373 Datasheet
34Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 18 AWG, Yellow TPE Cable, 10.0m (32.81) Length
02/01/2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com