Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-500989-002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-500989-002
Description  3.30mm (.130") Pitch Crimp Terminal, Female, 22-26 AWG, Reel
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-500989-002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-500989-002 Datasheet HTML 1Page - Molex Electronics Ltd. SD-500989-002 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - SD-500989-002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-500901-003 MOLEX11-SD-500901-003 Datasheet
238Kb / 5P
   1.10mm (.043") Pitch TransFlash Memory Card Connector, Hinge Type, Round Corner Top
SD-500901-004 MOLEX11-SD-500901-004 Datasheet
238Kb / 5P
   1.10mm (.043") Pitch TransFlash Memory Card Connector, Hinge Type, Round Corner Top
SD-500913-001 MOLEX11-SD-500913-001 Datasheet
609Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, Surface Mount, Dual Row, Vertical Stacking
SD-500913-001 MOLEX11-SD-500913-001 Datasheet
609Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board Receptacle, Surface Mount, Dual Row, Vertical Stacking
SD-500913-001 MOLEX11-SD-500913-001 Datasheet
609Kb / 8P
   0.40mm (.016") Pitch SlimStack Board-to-Board PCB Receptacle, Surface Mount, Dual Row
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com