Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-120090-003 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # SD-120090-003
Description  Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male 0.20m (7.87") Length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-120090-003 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  SD-120090-003 Datasheet HTML 1Page - Molex Electronics Ltd. SD-120090-003 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
7
8
9
10
6
5
3
4
2
1
B
C
D
E
F
A
B
C
D
E
F
7
8
9
6
5
3
4
2
10
1
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A3
M8 MALE RECEPTACLES-XM
M8 GERAETESTECKER-PVC-XM
----
METRIC
2:1
MM
SD-120090-003
BB
JKO
FP
DATE
DATE
DATE
2009/06/24
2009/08/05
2009/08/05
---
---
---
---
0.1
0.05
---
---
----
1
FIRST ANGLE
PROJECTION
0
0
1 OF 1
see table


Similar Part No. - SD-120090-003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-120090-003 MOLEX11-SD-120090-003 Datasheet
108Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male 0.30m
SD-120090-003 MOLEX11-SD-120090-003 Datasheet
108Kb / 2P
   Nano-Change (M8) Receptacle, M8 x 0.5 Mounting Threads, Straight Male, Male Length 0.50m (1.64 )
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com