Electronic Components Datasheet Search |
|
SDA-90663E Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SDA-90663E Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 03/16/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0906632163 Status: Active Description: 2.54mm (.100") Pitch QF-50™ Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 16 Circuits Documents: 3D Model Product Specification PS-99020-0015 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family Ribbon Cable / Wire Trap Connectors Series 90663 Comments Eject Levers Component Type PCB Header Glow-Wire Compliant No Product Name QF-50™ Physical Circuits (Loaded) 16 Color - Resin Black Durability (mating cycles max) 300 Entry Angle Vertical Flammability 94V-0 Lock to Mating Part None Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Number of Rows 2 PCB Locator No PCB Retention None PCB Thickness Recommended (in) 0.063 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Pitch - Term. Interface (in) 0.100 In Pitch - Term. Interface (mm) 2.54 mm Plating min: Mating (µin) 10 Plating min: Mating (µm) 0.25 Plating min: Termination (µin) 118 Plating min: Termination (µm) 3 Polarized to PCB No Shrouded Fully Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -25°C to +85°C Termination Interface: Style Through Hole Wire Insulation Diameter N/A Wire Size AWG N/A Wire/Cable Type Ribbon Cable Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90663Series Mates With |
Similar Part No. - SDA-90663E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |