Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0945120101 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0945120101
Description  Quick Disconnect, High Reliability Terminal (HRT), Female for 0.50-1.00mm짼 (18-24 AWG) Wire
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0945120101 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0945120101 Datasheet HTML 1Page - Molex Electronics Ltd. 0945120101 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0945120101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0945120100 MOLEX11-0945120100 Datasheet
126Kb / 2P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 0.50-1.00mm짼 (18-24 AWG) Wire
More results

Similar Description - 0945120101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0945120100 MOLEX11-0945120100 Datasheet
126Kb / 2P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 0.50-1.00mm짼 (18-24 AWG) Wire
0945060100 MOLEX11-0945060100 Datasheet
87Kb / 2P
   Quick Disconnect, Safelock Female for 0.50-1.00mm짼 (18-24 AWG) Wire, Accepts 6.35mm
0940304071 MOLEX11-0940304071 Datasheet
93Kb / 2P
   Quick Disconnect, Male, for 0.50-1.00mm짼 (18-20 AWG) wire
0945120200 MOLEX11-0945120200 Datasheet
128Kb / 3P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 1.00-2.50mm짼 (10-18 AWG) Wire
0945120201 MOLEX11-0945120201 Datasheet
128Kb / 3P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 1.00-2.50mm짼 (10-18 AWG) Wire, Accepts 6.30mm
0945120211 MOLEX11-0945120211 Datasheet
127Kb / 2P
   Quick Disconnect, High Reliability Terminal (HRT)
0945120301 MOLEX11-0945120301 Datasheet
126Kb / 2P
   Quick Disconnect, High Reliability Terminal (HRT), Female for 2.50-6.00mm짼 (4-12 AWG)
0940303891 MOLEX11-0940303891 Datasheet
86Kb / 3P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
0940304031 MOLEX11-0940304031 Datasheet
81Kb / 2P
   Quick Disconnect, Female, for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 4.75mm (.187") x 0.81mm (.032") Tab
0940304021 MOLEX11-0940304021 Datasheet
141Kb / 2P
   Quick Disconnect, Female for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 4.75mm (.187") x 0.80mm (.031") Tab
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com