Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1200795035 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1200795035
Description  Micro-Change (M12) Ultra-Lock Single-Ended Cordset, Male - Pigtail, Straight, 8 Poles
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1200795035 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1200795035 Datasheet HTML 1Page - Molex Electronics Ltd. 1200795035 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MOLEX INCORPORATED
SIZE
SCALE
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
APPROVED BY
CHECKED BY
DRAWN BY
C =
=
GENERAL TOLERANCES
(UNLESS SPECIFIED)
mm
INCH
4 PLACES
3 PLACES
2 PLACES
1 PLACE
±
±
±
±
±
±
±
ANGULAR ±
°
±
QUALITY
SYMBOLS
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
A2
M12-AU-8P-M-STR-
8/25PURSH-XM
----
METRIC
2:1
MM
SD-120083-022
BB
RE
REISSNER
DATE
DATE
DATE
2009/09/25
2009/10/01
2009/11/20
----
----
----
----
0.1
0.05
----
----
----
1
J
I
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12
13
J
I
H
G
F
E
D
C
B
A
13
FIRST ANGLE
PROJECTION
see table
1 OF 1
0
0


Similar Part No. - 1200795035

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200795035 MOLEX-1200795035_V01 Datasheet
28Kb / 1P
   Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
More results

Similar Description - 1200795035

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1200795031 MOLEX11-1200795031 Datasheet
123Kb / 2P
   Micro-Change (M12) Ultra-Lock Single-Ended Cordset, Female - Pigtail, Straight, 8 Poles
1200699509 MOLEX-1200699509 Datasheet
32Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200658660 MOLEX-1200658660 Datasheet
25Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200699508 MOLEX-1200699508 Datasheet
32Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200795035 MOLEX-1200795035_V01 Datasheet
28Kb / 1P
   Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200835152 MOLEX-1200835152_V01 Datasheet
28Kb / 1P
   Ultra-Lock (M12) Single-Ended Cordset, 8 Poles, Male (Straight) to Pigtail
1200658757 MOLEX-1200658757 Datasheet
25Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 8 Poles, Male (90째) to Pigtail
1200658741 MOLEX-1200658741 Datasheet
25Kb / 2P
   Micro-Change (M12) Single-Ended Cordset, 5 Poles, Male (Straight) to Pigtail
1200010405 MOLEX-1200010405 Datasheet
28Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail
1200010729 MOLEX-1200010729 Datasheet
28Kb / 1P
   Micro-Change (M12) Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com