Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-502570-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SD-502570-001
Description  1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push- Push Type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-502570-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SD-502570-001 Datasheet HTML 1Page - Molex Electronics Ltd. SD-502570-001 Datasheet HTML 2Page - Molex Electronics Ltd. SD-502570-001 Datasheet HTML 3Page - Molex Electronics Ltd. SD-502570-001 Datasheet HTML 4Page - Molex Electronics Ltd. SD-502570-001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5025700893
Status:
Active
Description:
1.10mm (.043") Pitch microSD Memory Card Connector, Normal Mount SMT, Push-
Push Type
Documents:
3D Model
Product Specification PS-502570-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Memory Card Sockets
Series
502570
Button Type
Push-Push
Component Type
Header & Ejector (Host)
Product Name
microSD Card
Type
N/A
Physical
Card Detection Switch
Yes
Circuits (Loaded)
8
Color - Resin
Black
Durability (mating cycles max)
10,000
Ejector Button Side
No Ejector Button Present
Entry Angle
90° Angle
Keying to Mating Part
Yes
PCB Locator
No
PCB Mounting Side
Normal
PCB Retention
Yes
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.043 In
Pitch - Mating Interface (mm)
1.10 mm
Ports
1
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
0.5A
Shielded
Yes
Voltage - Maximum
10V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-502570-002
Product Specification
PS-502570-001, RPS-502570-002, RPS-502570-005,
RPS-502570-007, RPS-502570-008
Sales Drawing
SD-502570-001, SD-502570-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
502570Series
Use With
microSD Card
This document was generated on 06/03/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - SD-502570-001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-502578-001 MOLEX11-SD-502578-001 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 12 Circuits
SD-502578-001 MOLEX11-SD-502578-001 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 14 Circuits
SD-502578-001 MOLEX11-SD-502578-001 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 5 Circuits
SD-502578-001 MOLEX11-SD-502578-001 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 10 Circuits
SD-502578-001 MOLEX11-SD-502578-001 Datasheet
162Kb / 2P
   1.50mm (.059") Pitch CLIK-Mate Wire-to-Board Housing, Single Row, Positive Lock, 3 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com