Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-112023-0007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # E-112023-0007
Description  Direct-Link PC104-CANIO CANopen Master PC/104 card
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

E-112023-0007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  E-112023-0007 Datasheet HTML 1Page - Molex Electronics Ltd. E-112023-0007 Datasheet HTML 2Page - Molex Electronics Ltd. E-112023-0007 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120230007
Status:
Active
Description:
Direct-Link PC104-CANIO CANopen Master PC/104 card
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112023
Approvals
N/A
Communication Speed
125, 250, 500 Kbaud
Mounting Style
Desktop, Screws
Product Name
DRL
Protocol
CANopen*
Type
CANopen* Card
Physical
Channels
1
Interface
PC/104
Network Connection Type
HE13 (2 by 5 pins)
Packaging Type
Carton
Processor
N/A
Temperature Range - Operating
-40°C to +85°C
Electrical
EMC
N/A
Supply Voltage
5V Bus
Material Info
Old Part Number
DRL-CNO-104
Reference - Drawing Numbers
Sales Drawing
E-112023-0007
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112023Series
This document was generated on 06/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - E-112023-0007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
E-112021-0014 MOLEX11-E-112021-0014 Datasheet
308Kb / 3P
   BradCommunications Direct-Link PCU-CANIO CANopen card , PCI-Universal bus 3.3/5V
More results

Similar Description - E-112023-0007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120050009 MOLEX11-1120050009 Datasheet
305Kb / 3P
   BradCommunications Direct-Link PC104-DVNIO DeviceNet card, PC/104 bus
1120210014 MOLEX11-1120210014 Datasheet
308Kb / 3P
   BradCommunications Direct-Link PCU-CANIO CANopen card , PCI-Universal bus 3.3/5V
logo
Advantech Co., Ltd.
PCM-3202P-AE ADVANTECH-PCM-3202P-AE Datasheet
329Kb / 1P
   2-port AMONet RS-485 PC/104 Master Card
logo
Schneider Electric
BMECXM0100 SCHNEIDER-BMECXM0100 Datasheet
97Kb / 2P
   CANopen X80 Master
Apr 20, 2022
BMECXM0100H SCHNEIDER-BMECXM0100H Datasheet
98Kb / 2P
   CANopen X80 Master hardened
Apr 20, 2022
logo
Pepperl+Fuchs Inc.
IO-LINK-MASTER02-USB PF-IO-LINK-MASTER02-USB Datasheet
715Kb / 4P
   IO-Link Master
2020-06-30
logo
WAGO Kontakttechnik Gmb...
750-657 WAGO-750-657 Datasheet
555Kb / 13P
   IO-Link Master
logo
Pepperl+Fuchs Inc.
ICE1-8IOL-G60L-V1D PF-ICE1-8IOL-G60L-V1D Datasheet
969Kb / 4P
   IO-Link master
ICE1-8IOL-S2-G60L-V1D PF-ICE1-8IOL-S2-G60L-V1D Datasheet
601Kb / 3P
   IO-Link master
logo
Festo Corporation.
8086604 FESTO-8086604 Datasheet
89Kb / 2P
   IO-Link Master
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com