Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0981980001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0981980001
Description  2.54mm (.100") Pitch, MOX Receptacle Housing, FFC, 6 (2x3) Circuits, Black
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0981980001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0981980001 Datasheet HTML 1Page - Molex Electronics Ltd. 0981980001 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0981980001
Status:
Active
Overview:
mox_crimp_terminals
Description:
2.54mm (.100") Pitch, MOX Receptacle Housing, FFC, 6 (2x3) Circuits, Black
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
98198
Comments
with TPA™
Overview
mox_crimp_terminals
Product Name
MOX
Physical
Circuits (maximum)
6
Color - Resin
Black
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +85°C
Electrical
Current - Maximum per Contact
6A
Material Info
Reference - Drawing Numbers
Application Specification
AS-98198-001
Packaging Specification
PP-98198-001
Product Specification
RPS-98198-001
Sales Drawing
SD-98198-003
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98198Series
Mates With
98780 Header 0.635mm Pin, 98787 MOX
Pin Housing
Use With
98194 MOX FFC Terminal
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0981980001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0981980002 MOLEX11-0981980002 Datasheet
133Kb / 2P
   2.54mm (.100") Pitch, MOX Receptacle Housing, FFC, 6 (2x3) Circuits, Brown
0981980003 MOLEX11-0981980003 Datasheet
133Kb / 2P
   2.54mm(.100") Pitch, MOX Receptacle Housing, FFC, 6 (2x3) Circuits, Gray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com