Electronic Components Datasheet Search |
|
SD-502790-001 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
SD-502790-001 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 5027903091 Status: Active Description: 0.50mm (.020") Pitch FPC Connector, ZIF, Easy-On™, Double Bottom Contact, 30 Circuits Documents: 3D Model Product Specification PS-502790-001 (PDF) Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family FFC/FPC Connectors Series 502790 Product Name Easy-On™ Physical Circuits (Loaded) 30 Contact Position Bottom Durability (mating cycles max) 20 Entry Angle 90° Angle Mated Height (in) 0.098 In Mated Height (mm) 2.50 mm Material - Metal Phosphor Bronze Material - Plating Mating Gold Material - Plating Termination Gold Number of Rows 1 Orientation Right Angle PCB Retention Yes Packaging Type Embossed Tape on Reel Pitch - Mating Interface (in) 0.020 In Pitch - Mating Interface (mm) 0.50 mm Polarized to PCB Yes Stackable No Temperature Range - Operating -20°C to +85°C Termination Interface: Style Surface Mount Wire/Cable Type FPC only Electrical Current - Maximum per Contact 0.5A Voltage - Maximum 50V Material Info Reference - Drawing Numbers Product Specification PS-502790-001, RPS-502790-001, RPS-502790-005, RPS-502790-006, RPS-502790-007, RPS-502790-009, RPS-502790-010, RPS-502790-011 Sales Drawing SD-502790-001, SD-502790-002 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 502790Series This document was generated on 04/19/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - SD-502790-001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |