Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD-130006-029 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # SD-130006-029
Description  Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 15.0m (49.21 ) Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SD-130006-029 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  SD-130006-029 Datasheet HTML 1Page - Molex Electronics Ltd. SD-130006-029 Datasheet HTML 2Page - Molex Electronics Ltd. SD-130006-029 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
A
B
C
D
E
F
G
H
I
J
A
B
C
D
E
F
G
H
I
J
1
2
3
4
5
6
7
8
9
10
11
12
13
1
2
3
4
5
6
7
8
9
10
11
12
13
1:1
SCALE
SD-130006-029
MOLEX INCORPORATED
SIZE
INCH
IN/MM
DESIGN UNITS
DIMENSION STYLE
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX
INCORPORATED AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
SHEET NO.
DOCUMENT NO.
MATERIAL NO.
molex
3-POLE FEMALE ST
MINI CHANGE ASSEMBLY
18/3AWG PVC AUTO
APPROVED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
TITLE
DRAFT WHERE
APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
ANGULAR ±1/2°
±.020
±.010
±.005
±---
±0.25
±0.13
±---
±---
1 PLACE
2 PLACES
3 PLACES
4 PLACES
INCH
mm
GENERAL TOLERANCES
(UNLESS SPECIFIED)
=
=
THIRD ANGLE
PROJECTION
C
C
A
0
0
SEE CHART


Similar Part No. - SD-130006-029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SD-130006-020 MOLEX11-SD-130006-020 Datasheet
178Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 15.0m (49.21 ) Length
SD-130006-021 MOLEX11-SD-130006-021 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, 9.0m (29.53 ) Length
SD-130006-021 MOLEX11-SD-130006-021 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
SD-130006-022 MOLEX11-SD-130006-022 Datasheet
146Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 3.0m (9.84 )
SD-130006-028 MOLEX11-SD-130006-028 Datasheet
154Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 4 Poles, 15.0m (49.21 ) Length
More results

Similar Description - SD-130006-029

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300060287 MOLEX11-1300060287 Datasheet
178Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 15.0m (49.21 ) Length
1300061247 MOLEX11-1300061247 Datasheet
149Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
1300060820 MOLEX11-1300060820 Datasheet
154Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 4 Poles, 15.0m (49.21 ) Length
1300061263 MOLEX11-1300061263 Datasheet
158Kb / 3P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 5 Poles, Length, 15.0m (49.21 )
1300062336 MOLEX-1300062336 Datasheet
46Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 15.0m (49.21) Length
03/20/2023
1300062464 MOLEX-1300062464 Datasheet
27Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 15.0m (49.21) Length
03/22/2023
1300610025 MOLEX11-1300610025 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1300610030 MOLEX11-1300610030 Datasheet
29Kb / 1P
   Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail
1300060374 MOLEX11-1300060374 Datasheet
175Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, Straight Female to Pigtail, 3 Poles, 30.0m (98.40 ) Length
1300062447 MOLEX-1300062447 Datasheet
27Kb / 2P
   Mini-Change A-Size Single-Ended Cordset, 4 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow TPE Cable, 15.0m (49.21) Length
03/22/2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com