Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

94030-409X-SD Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 94030-409X-SD
Description  Quick Disconnect, Male for 4.00-6.00mm짼 (4-8 AWG) Wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

94030-409X-SD Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  94030-409X-SD Datasheet HTML 1Page - Molex Electronics Ltd. 94030-409X-SD Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0940304091
Status:
Active
Description:
Quick Disconnect, Male for 4.00-6.00mm² (4-8 AWG) Wire, Accepts 6.35mm (.250") x
0.81mm (.032") Tab
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Quick Disconnects
Series
94030
Crimp Quality Equipment
Yes
Product Name
N/A
Type
Quick Disconnect
Physical
Barrel Type
Open
Gender
Male
Glow-Wire Compliant
No
Insulation
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Orientation
Straight
Packaging Type
Reel
Plating min: Mating (µin)
80
Plating min: Mating (µm)
2
Plating min: Termination (µin)
80
Plating min: Termination (µm)
2
Polarized to Mating Part
Yes
Tab Thickness
0.81mm (.032")
Tab Width
6.35mm (.250")
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
5.10mm (.200") max.
Wire Size AWG
4, 6, 8
Wire Size mm²
4.00 - 6.00
Electrical
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Sales Drawing
94030-409X-SD
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
94030Series
Use With
Quick Disconnect Housing 94090 , 94502
This document was generated on 03/29/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 94030-409X-SD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
94030-4021 MOLEX11-94030-4021 Datasheet
141Kb / 2P
   Quick Disconnect, Female for 0.50-1.00mm짼 (18-20 AWG) wire, Accepts 4.75mm (.187") x 0.80mm (.031") Tab
94030-4071 MOLEX11-94030-4071 Datasheet
93Kb / 2P
   Quick Disconnect, Male, for 0.50-1.00mm짼 (18-20 AWG) wire
94030-4081 MOLEX11-94030-4081 Datasheet
78Kb / 2P
   Quick Disconnect, Male for 1.00-2.50mm짼 (10-18 AWG) Wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
94030-408X-SD MOLEX11-94030-408X-SD Datasheet
78Kb / 2P
   Quick Disconnect, Male for 1.00-2.50mm짼 (10-18 AWG) Wire, Accepts 6.35mm (.250") x 0.81mm (.032") Tab
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com