Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E-112000-0001 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # E-112000-0001
Description  applicom PCU2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI 3.3/ 5V bus, RoHS compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

E-112000-0001 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  E-112000-0001 Datasheet HTML 1Page - Molex Electronics Ltd. E-112000-0001 Datasheet HTML 2Page - Molex Electronics Ltd. E-112000-0001 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
applicom® Ethernet PCU2000ETH
Best choice for SCADA/HMI applications
Overview
applicom
® is a range of intelligent communication solutions, complete and ready to use
covering more than 40 protocols among a wide choice of industrial networks and fieldbuses:
Ethernet TCP/IP, Profibus, Modbus Plus, Data Highway Plus, WorldFIP and Serial Links.
These solutions connect your PC-based applications (HMI, SCADA, MES, custom
applications) to industrial equipment (programmable controller, I/O modules, devices...).
Thanks to applicom
® smart built-in processor technology - each interface card is able to
execute all management and the processing (polling, frame management, etc.) of
communications protocols, resulting in extremely fast, efficient application performance.
The applicom
® software package includes:
Graphical configuration software.
Test and network diagnostic tools.
Data servers
OPC DA v1.0a, v2.05 and v3.0 (including an OPC client with its source code)
Wonderware I/O Server (DAServer, DDE, FastDDE, SuiteLink)
Development libraries
DLL Library
MS Visual Studio (.NET/C#/VB/C++/C), Borland Delphi
National Instruments (LabWindows CVI, LabVIEW/VI)
- Configuration Software -
- OPC Server -
Connect your applications to industrial networks through
Ethernet messaging.
Features
RoHS compliant
All protocols included in the
package
Free full technical support during
2 years of hardware warranty
On-board processor eliminates data
bottle necks, ensuring delivery of
time critical information
Certified with over 50 major
SCADA/HMI packages
Fast Ethernet 10/100, RJ-45 Port
COMBO Offer =
Ethernet + Profibus 1.5Mbps
or
Ethernet + Serial 38.4Kbps
Simultaneously run all TCP/IP
protocols in Client/Server modes
Redundancy feature via OPC Server
Win32 NDIS driver (using applicom®
interface as a standard Ethernet
card)
Onboard internal data base
(32 Kwords + 32 Kbits)
Supported OS
Standard package
Windows 32-bit (Vista / XP / 2003
Server)
Free Download
Windows XP Embedded, VenturCom
RTX, VxWorks, QNX, Linux, DOS
Compatible with
Altus
GE Fanuc
Mitsubishi Electric Automation
Omron
Rockwell Automation
Schneider Electric
Siemens
applicom
®
Universal PCI 3.3V / 5V Card
20 Aug. 09
DW2005101


Similar Part No. - E-112000-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
E-112000-0001 MOLEX11-E-112000-0001 Datasheet
896Kb / 3P
   applicom PCU2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI 3.3/ 5V bus, RoHS compliant
More results

Similar Description - E-112000-0001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120000005 MOLEX11-1120000005 Datasheet
896Kb / 3P
   applicom PCU2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI 3.3/ 5V bus, RoHS compliant
1120005028 MOLEX11-1120005028 Datasheet
562Kb / 3P
   applicom PCIE2000ETH Combo Ethernet 10/100 Mbps Profibus 1.5 MB card, PCI Express
1120005026 MOLEX11-1120005026 Datasheet
562Kb / 3P
   applicom PCIE2000ETH Ethernet TCP/IP 10/100 Mbps card, PCI Express 1x bus, RoHS compliant
1120005027 MOLEX11-1120005027 Datasheet
562Kb / 3P
   applicom PCIE2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card, PCI Express 1x bus
1120000003 MOLEX11-1120000003 Datasheet
896Kb / 3P
   applicom짰 PCU2000ETH Combo Ethernet 10/100 Mbps Serial RS485/422 card
1120205017 MOLEX11-1120205017 Datasheet
1,004Kb / 6P
   applicom PCU1000, 1 Serial RS485/RS422 port, PCI 3.3V/5V bus (PCI-X compatible), RoHS compliant
logo
Advanced Micro Devices
AM79C976 AMD-AM79C976 Datasheet
2Mb / 309P
   PCnet-PRO??10/100 Mbps PCI Ethernet Controller
logo
SMSC Corporation
LAN83C171 SMSC-LAN83C171 Datasheet
348Kb / 90P
   EPIC/XF ACPI/PC 97 Compliant Integrated PCI 10/100 Mbps Fast Ethernet Controller
logo
National Semiconductor ...
DP83821 NSC-DP83821 Datasheet
1Mb / 86P
   10/100/1000 Mb/s PCI Ethernet Network Interface Controller
DP83820 NSC-DP83820 Datasheet
1Mb / 87P
   10/100/1000 Mb/s PCI Ethernet Network Interface Controller
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com