Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0955012611 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0955012611
Description  Modular Jacks, Low Profile, Trough Hole, 6 Positions, 6 loaded, Tube, RJ12
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0955012611 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0955012611 Datasheet HTML 1Page - Molex Electronics Ltd. 0955012611 Datasheet HTML 2Page - Molex Electronics Ltd. 0955012611 Datasheet HTML 3Page - Molex Electronics Ltd. 0955012611 Datasheet HTML 4Page - Molex Electronics Ltd. 0955012611 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0955012611
Status:
Active
Overview:
modular_plugs_jacks
Description:
Modular Jacks, Low Profile, Trough Hole, 6 Positions, 6 loaded, Tube, RJ12
Documents:
3D Model
Product Specification PS-95501 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Application Specification (PDF)
Agency Certification
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
95501
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ12
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
500
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle (Side Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.9
Ports
1
Positions / Loaded Contacts
6/6
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
95501Series
Mates With
FCC 68 Plugs
Use With
90075


Similar Part No. - 0955012611

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0955012601 MOLEX11-0955012601 Datasheet
206Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 6 Positions, 4 loaded, Tube
0955012641 MOLEX11-0955012641 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 6 Positions, 4 loaded
0955012661 MOLEX11-0955012661 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 6 Positions, 6 loaded, RJ12
More results

Similar Description - 0955012611

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0955012661 MOLEX11-0955012661 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 6 Positions, 6 loaded, RJ12
0955012601 MOLEX11-0955012601 Datasheet
206Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 6 Positions, 4 loaded, Tube
0955012641 MOLEX11-0955012641 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 6 Positions, 4 loaded
0955012821 MOLEX11-0955012821 Datasheet
206Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 8 Positions, 8 loaded, Tube
0955012401 MOLEX11-0955012401 Datasheet
206Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 4 Positions, 4 loaded, Tube
0955012881 MOLEX11-0955012881 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 8 Positions, 8 loaded
0955012441 MOLEX11-0955012441 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 4 Positions, 4 loaded
0955012882 MOLEX11-0955012882 Datasheet
200Kb / 5P
   Modular Jacks, Low Profile, Trough Hole, 8 Positions, 8 loaded, Keyed
0955016669 MOLEX11-0955016669 Datasheet
224Kb / 5P
   Modular Jacks, Low Profile, SMT Jack, 6 Positions, 6 loaded
0955016649 MOLEX11-0955016649 Datasheet
224Kb / 5P
   Modular Jacks, Low Profile, SMT Jack, 6 Positions, 4 loaded
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com