Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501628-3791 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 501628-3791
Description  0.30mm (.012") Pitch Easy-On Type FPC Connector, 0.90mm (.035") Mated Height, Right Angle
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

501628-3791 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  501628-3791 Datasheet HTML 1Page - Molex Electronics Ltd. 501628-3791 Datasheet HTML 2Page - Molex Electronics Ltd. 501628-3791 Datasheet HTML 3Page - Molex Electronics Ltd. 501628-3791 Datasheet HTML 4Page - Molex Electronics Ltd. 501628-3791 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image


Similar Part No. - 501628-3791

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
501628-3191 MOLEX-501628-3191 Datasheet
1Mb / 2P
   Narrow Width, Cable-Tab Type
501628-3191 MOLEX11-501628-3191 Datasheet
404Kb / 5P
   0.30mm (.012") Pitch Easy-On Type FPC Connector, 0.90mm (.035") Mated Height, Right Angle
501628-3391 MOLEX-501628-3391 Datasheet
1Mb / 2P
   Narrow Width, Cable-Tab Type
501628-3391 MOLEX11-501628-3391 Datasheet
404Kb / 5P
   0.30mm (.012") Pitch Easy-On??Type FPC Connector, 0.90mm (.035") Mated Height
501628-3591 MOLEX-501628-3591 Datasheet
1Mb / 2P
   Narrow Width, Cable-Tab Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com