Electronic Components Datasheet Search |
|
0908581270 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0908581270 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 9 page This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0908581270 Status: Active Overview: rast_5_connector_system Description: 5.00mm (.197") Pitch Appli-Mate RAST 5 Header, Vertical, 4 Circuits, Reference K44 Documents: 3D Model Product Specification PS-99020-0037 (PDF) Packaging Specification (PDF) RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family PCB Headers Series 90858 Application Wire-to-Board Overview rast_5_connector_system Product Name RAST 5 Physical Breakaway No Circuits (Loaded) 4 Circuits (maximum) 4 Color - Resin Natural Durability (mating cycles max) 10 First Mate / Last Break No Flammability 94V-0 Glow-Wire Compliant No Guide to Mating Part No Keying to Mating Part None Lock to Mating Part None Material - Metal Brass Material - Plating Mating Tin Material - Plating Termination Tin Number of Rows 1 Orientation Vertical PC Tail Length (in) 0.138 In PC Tail Length (mm) 3.50 mm PCB Locator Yes PCB Retention None PCB Thickness Recommended (in) 0.055 In PCB Thickness Recommended (mm) 1.40 mm Packaging Type Bag Pitch - Mating Interface (in) 0.197 In Pitch - Mating Interface (mm) 5.00 mm Polarized to PCB Yes Shrouded Fully Stackable Yes Surface Mount Compatible (SMC) No Temperature Range - Operating -20°C to +85°C Termination Interface: Style Through Hole Electrical Current - Maximum per Contact 16A Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90858Series Mates With Appli-Mate 5.0 IDT Connector System Female Receptacle 90835 , 90833 |
Similar Part No. - 0908581270 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |