Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA-90663E Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # SDA-90663E
Description  2.54mm (.100") Pitch QF-50 Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 20 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

SDA-90663E Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  SDA-90663E Datasheet HTML 1Page - Molex Electronics Ltd. SDA-90663E Datasheet HTML 2Page - Molex Electronics Ltd. SDA-90663E Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 03/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0906632203
Status:
Active
Description:
2.54mm (.100") Pitch QF-50™ Vertical, MIL Keying with Latch/Eject Levers, Shrouded
Header, 20 Circuits
Documents:
3D Model
Product Specification PS-99020-0015 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
90663
Comments
Eject Levers
Component Type
PCB Header
Glow-Wire Compliant
No
Product Name
QF-50™
Physical
Circuits (Loaded)
20
Color - Resin
Black
Durability (mating cycles max)
300
Entry Angle
Vertical
Flammability
94V-0
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Pitch - Term. Interface (in)
0.100 In
Pitch - Term. Interface (mm)
2.54 mm
Plating min: Mating (µin)
10
Plating min: Mating (µm)
0.25
Plating min: Termination (µin)
118
Plating min: Termination (µm)
3
Polarized to PCB
No
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-25°C to +85°C
Termination Interface: Style
Through Hole
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Wire/Cable Type
Ribbon Cable
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90663Series
Mates With


Similar Part No. - SDA-90663E

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
SDA-90663E MOLEX11-SDA-90663E Datasheet
200Kb / 4P
   2.54mm (.100") Pitch QF-50 Right Angle, MIL Keying with Latch/Eject Levers, Shrouded Header, 16 Circuits
SDA-90663E MOLEX11-SDA-90663E Datasheet
195Kb / 4P
   2.54mm (.100") Pitch QF-50 Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 26 Circuits
SDA-90663E MOLEX11-SDA-90663E Datasheet
200Kb / 4P
   2.54mm (.100") Pitch QF-50 Right Angle, MIL Keying with Latch/Eject Levers, Shrouded Header, 60 Circuits
SDA-90663E MOLEX11-SDA-90663E Datasheet
196Kb / 4P
   2.54mm (.100") Pitch QF-50 Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 16 Circuits
SDA-90663E MOLEX11-SDA-90663E Datasheet
196Kb / 4P
   2.54mm (.100") Pitch QF-50 Vertical, MIL Keying with Latch/Eject Levers, Shrouded Header, 34 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com