Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1120005034 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1120005034
Description  BradCommunications Direct-Link PCIE-ETHIO Ethernet card for Modbus TCP/ UDP Client
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1120005034 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1120005034 Datasheet HTML 1Page - Molex Electronics Ltd. 1120005034 Datasheet HTML 2Page - Molex Electronics Ltd. 1120005034 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1120005034
Status:
Active
Description:
BradCommunications™ Direct-Link™ PCIE-ETHIO Ethernet card for Modbus TCP/
UDP Client, PCI Express 1x bus, RoHS compliant
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Network Interface
Series
112000
Approvals
CE
Communication Speed
10 / 100 Mbaud (Auto)
Mounting Style
N/A
Product Name
Direct-Link®
Protocol
Modbus* TCP
Type
PC Card
Physical
Channels
1
Interface
Ethernet
Network Connection Type
Ethernet: RJ45
Packaging Type
Carton
Processor
AMD SC520
Temperature Range - Operating
0°C to +65°C
Electrical
Current - Maximum Input
5.5W
EMC
EN 55022 Class B, EN 61000-3-2, EN 61000-3-3, EN
61000-6-2
Supply Voltage
N/A
Material Info
Old Part Number
DRL-EMB-PCIE
Reference - Drawing Numbers
Sales Drawing
SD-112000-5034
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
112000Series
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1120005034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120005030 MOLEX11-1120005030 Datasheet
409Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
1120005031 MOLEX11-1120005031 Datasheet
410Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for PROFINET IOController & IO-Device
1120005032 MOLEX11-1120005032 Datasheet
847Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for PROFINET IOController & IO-Device
1120005033 MOLEX11-1120005033 Datasheet
844Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
More results

Similar Description - 1120005034

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1120005029 MOLEX11-1120005029 Datasheet
398Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for Modbus TCP/UDP Client
1120005033 MOLEX11-1120005033 Datasheet
844Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
1120005032 MOLEX11-1120005032 Datasheet
847Kb / 3P
   BradCommunications Direct-Link PCIE-ETHIO Ethernet card for PROFINET IOController & IO-Device
1120005030 MOLEX11-1120005030 Datasheet
409Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
1120005031 MOLEX11-1120005031 Datasheet
410Kb / 3P
   BradCommunications Direct-Link PCU-ETHIO Ethernet card for PROFINET IOController & IO-Device
logo
List of Unclassifed Man...
G38910052230 ETC2-G38910052230 Datasheet
131Kb / 5P
   Ethernet Modbus/TCP Gateway
logo
Molex Electronics Ltd.
987651-4162 MOLEX-987651-4162 Datasheet
464Kb / 2P
   Brad Direct-Link SW1000 Software EtherNet TCP/IP
2019.05
logo
Moxa Inc.
5109 MOXA-5109 Datasheet
751Kb / 6P
   1-port Modbus RTU/ASCII/TCP-to-DNP3 serial/TCP/UDP gateways
logo
Prosoft-Technology
MVI56E-MNETC PROSOFT-MVI56E-MNETC Datasheet
551Kb / 3P
   Modbus TCP/IP Enhanced Communications Module Client/Server
MVI56E-MNET PROSOFT-MVI56E-MNET Datasheet
365Kb / 3P
   Modbus TCP/IP Client/Server Enhanced Communication Module for ControlLogix
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com