Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0955036451 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0955036451
Description  4/4 JACK SMT VERSION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0955036451 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0955036451 Datasheet HTML 1Page - Molex Electronics Ltd. 0955036451 Datasheet HTML 2Page - Molex Electronics Ltd. 0955036451 Datasheet HTML 3Page - Molex Electronics Ltd. 0955036451 Datasheet HTML 4Page - Molex Electronics Ltd. 0955036451 Datasheet HTML 5Page - Molex Electronics Ltd. 0955036451 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0955036451
Status:
Active
Overview:
modular_plugs_jacks
Description:
4/4 JACK SMT VERSION
Documents:
3D Model
Application Specification (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E107635
General
Product Family
Modular Jacks/Plugs
Series
95503
Component Type
PCB Jack
Magnetic
No
Overview
modular_plugs_jacks
Performance Category
3
Power over Ethernet (PoE)
N/A
Product Name
RJ11
Physical
Boot Color
N/A
Color - Resin
Black
Durability (mating cycles max)
1,000
Flammability
94V-0
Inverted / Top Latch
No
Lightpipes/LEDs
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Vertical (Top Entry)
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.57 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.040 In
Pitch - Mating Interface (mm)
1.02 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
50.8
Plating min: Mating (µm)
1.27
Plating min: Termination (µin)
76
Plating min: Termination (µm)
1.9
Ports
1
Positions / Loaded Contacts
4/4
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-40°C to +80°C
Termination Interface: Style
Surface Mount
Waterproof / Dustproof
No
Wire/Cable Type
N/A
Electrical
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
95503Series
Mates With
FCC 68 Plugs


Similar Part No. - 0955036451

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0955036451 MOLEX1-0955036451_18 Datasheet
33Kb / 2P
   Modular Jack, Vertical, Top Entry, Surface Mount, 4/4, Low Profile, Tube
More results

Similar Description - 0955036451

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0955036651 MOLEX11-0955036651 Datasheet
266Kb / 6P
   6/4 JACK SMT VERSION
0955032441 MOLEX11-0955032441 Datasheet
200Kb / 5P
   4/4 JACK THROUGH HOLE NO KEY VERSION
0855105025 MOLEX9-0855105025 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 4/4, Solder Tabs
0855105017 MOLEX9-0855105017 Datasheet
124Kb / 3P
   Modular Jack, Vertical, SMT, 4/4, Solder Tabs
0955036671 MOLEX11-0955036671 Datasheet
266Kb / 6P
   6/6 JACK SMT VERSION
0955036891 MOLEX11-0955036891 Datasheet
266Kb / 6P
   8/8 JACK SMT VERSION
logo
Assmann Electronics Inc...
A-2004-2-4-LP-SMT-R ASSMANN-A-2004-2-4-LP-SMT-R Datasheet
230Kb / 1P
   MODULAR JACK, RJ45, SMT VERSION
logo
Molex Electronics Ltd.
0855025005 MOLEX9-0855025005 Datasheet
142Kb / 4P
   Modular Jack, Right Angle, Low Profile, SMT, 4/4
0955022443 MOLEX11-0955022443 Datasheet
123Kb / 3P
   Modular Jack, Through Hole Version, Bottom Entry, 4/4 Circuits
0955016449 MOLEX11-0955016449 Datasheet
224Kb / 5P
   Modular Jacks, Low Profile, SMT Jack, 4 Positions, 4 loaded
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com