Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


E-112000-5031 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. E-112000-5031
Description  BradCommunications Direct-Link PCU-ETHIO Ethernet card for PROFINET IOController & IO-Device
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 2 page
background image
applicomIO® PCU-ETHIO
Best Choice for controlling I/O over PROFINET IO
Overview
Some of the world’s most demanding high-speed control and automation applications run on
standard PCs using BradCommunications™ applicomIO® fieldbus interface cards.
Dedicated DCS and PLC systems have been eliminated in favor of open platforms running
PC-based control systems.
The benefits include:
Reduced material costs
Reduced development times
More flexible and customizable systems
Reduced field-support costs
applicomIO products are design so industrial applications can be designed independently of
the fieldbus used. OEMs, system integrators and end-users can take advantage of
developing standard control applications as well as selecting the fieldbus connectivity
required from the applicomIO product range.
applicomIO products consist of a fieldbus card and engineering tools which quickly and
easily setup communication. EVERYTHING is included for a successful implementation at a
lower cost.
applicomIO provides connectivity support for all popular fieldbuses including EtherNet/IP,
PROFINET IO
, Modbus TCP, PROFIBUS, DeviceNet and CANopen. Our cards are
developed in compliance with the technical specifications of industrial organizations and
comply with the applicable industrial standards. applicomIO supports up to 8 cards in a
single PC and can run on various operating systems including Windows 32-bits, Linux as
well as real-time OS such as VxWorks, QNX, and VenturCom RTX.
Particularly, the applicomIO® PCU-ETHIO network interface card provides high-speed
deterministic communication to exchange data with industrial devices through PROFINET IO
messaging
. The built-in processor handles all the protocol management to offer reliable and
outstanding performance.
The software package includes a common development library for all fieldbuses supported.
The process data is exchanged with the control application through a shared memory where
inputs/outputs are automatically mapped. To monitor the communication between the card
and the control application, the library includes a watchdog feature to automatically detect
software blocking.
ARE YOU LOOKING FOR A REAL TURNKEY SOLUTION?
applicomIO® configuration software console provides a standardized and user-friendly
environment for quick development of communication applications without the worry of
knowing industrial communication protocols. The console saves time during the
commissioning phase by offering features such as automatic device detection, user
configuration management, diagnostic information, etc.
The product includes:
Fieldbus interface card
Engineering console for configuration and diagnostics
Data Servers (OPC DA v3.0 & v2.05, Wonderware DAServer and
FastDDE/SuiteLink)
Development Libraries: Windows (DLL), NI (LabView), VenturCom (RTX)
Static library for non-windows OS (VxWorks, QNX, Linux, etc)
BradCommunicationsapplicomIO® Ethernet network
interface cards provide powerful and reliable data
acquisition for PC-based control and visualization
applications.
Features
Protocols:
PROFINET IO-Controller
PROFINET IO-Device
Reliable solution based on
embedded protocol technology
for powerful data throughput
Single-time development of API
for whatever fieldbus used
“User-friendly” engineering
tools for configuration and
diagnostics
Remote connection through
Ethernet port (for embedded
system platform)
Application watchdog
Automatic I/O mapping for
easy configuration
I/O exchange up to 14 Kbytes
Typical Application
PC-Based Control
Robotic application
Panel PC visualization system
Supported OS
Standard package
Windows 32-bit (XP , 2000,
2003 Server), VenturCom RTX
Free Download
Windows XP Embedded, QNX,
VxWorks, Linux, Phar Lap ETS,
DOS
LINUX




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl