Electronic Components Datasheet Search |
|
0908971261 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0908971261 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 3 page This document was generated on 05/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0908971261 Status: Active Description: 2.54mm (.100) Pitch QF-50™, Right Angle, Dual Row with Eject Levers, Shrouded Header, 26 Circuits, Without Strain Relief Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) General Product Family Ribbon Cable / Wire Trap Connectors Series 90897 Comments Din Eject Levers Component Type PCB Header Glow-Wire Compliant No Product Name QF-50™ Physical Circuits (Loaded) 26 Circuits (maximum) 26 Color - Resin Black Durability (mating cycles max) 30 Entry Angle 90° Angle Lock to Mating Part None Material - Metal Brass Material - Plating Mating Gold Material - Plating Termination Tin Material - Resin Polyester Alloy Number of Rows 2 PCB Retention None PCB Thickness Recommended (in) 0.062 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tray Pitch - Mating Interface (in) 0.100 In Pitch - Mating Interface (mm) 2.54 mm Polarized to Mating Part No Polarized to PCB No Shrouded Yes Stackable No Surface Mount Compatible (SMC) No Temperature Range - Operating -40°C to +105°C Wire Insulation Diameter N/A Wire Size AWG N/A Wire/Cable Type Ribbon Cable Electrical Current - Maximum per Contact 1A Voltage - Maximum 250V Material Info Reference - Drawing Numbers Sales Drawing SDA-90897 Series image - Reference only EU RoHS China RoHS Compliance Status Not Reviewed REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 90897Series This document was generated on 05/20/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 0908971261 |
|
Similar Description - 0908971261 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |