Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


E-112034-0021 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part No. E-112034-0021
Description  SST Remote DeviceNet Scanner, Ethernet remote connection, Din Rail mounting, IP30
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 2 page
background image
.
Features
High performance DeviceNet
protocol executed via up to 16
SSTRemote DeviceNetScanners
User interface DLL/API is
completely backward compatible
with existing applications and local
DeviceNet interface cards
Diagnostic LEDs
UCMM (Unconnected Message
Manager) capable; Group 1, 2, and
3 dynamic explicit connections
supported
Provides simultaneous execution of
Group 2 Client (Master) and Server
(Slave) operation
Supports all DeviceNet standard
baud rates: 125, 250, and 500
Kbaud
Supports Poll, Strobe, Change of
State (COS) and Cyclic I/O
messaging
Provides Client (Master) explicit
messaging to slave devices
Remote DeviceNetScanner
DeviceNet control over Ethernet
Product Description
Traditionally when running a PC control application, one PC with one interface card
installed was required for each DeviceNet
network. Now with the introduction of
the SST
Remote DeviceNet Scanner, a PC for each network is no longer required.
The SST Remote DeviceNet Scanner controls I/O devices connected to a
DeviceNet network without the need of a local PC. DIN rail mountable, up to 16 SST
Remote DeviceNet Scanners can be connected to one Ethernet switch which is
then connected back to a PC residing on an Ethernet network. The PC allows users
to remotely access diagnostic information on the SST Remote DeviceNet Scanner
and the DeviceNet network.
Benefits include:
Backward compatible DLL preserves existing investment
DIN rail mount allows distribution to machine level
Frees up PC slots by placing scanner cards remotely
Manage your DeviceNet application across an Ethernet LAN
Capable of updating DeviceNet IO faster than a PCI version
Reduce infrastructure costs by using cheaper Ethernet cable and fewer
and/or less expensive PCs
BradCommunicationsSSTremote scanner uses the
same great features of the SST DeviceNet PC interfaces,
preserving your PC application investment while
extending DeviceNet control over Ethernet.




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl