Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


E-112000-5030 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part No. E-112000-5030
Description  BradCommunications Direct-Link PCU-ETHIO Ethernet card for EtherNet/IP Scanner/Adapter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

   
 3 page
background image
To contact us: www.woodhead.com
Reference Number: DW2008254
Date Published: October
2008
North America
: US: + 1 800 225 7724 – Canada: +1 519 725 5136
Europe
:
France: +33 2 32 96 04 20 – Germany: +49 7252 94 96 0– Italy: +39 010 59 30 77 –
United: Kingdom +44 1495 356300
Asia
:
Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717
Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950
Brad and applicomIO are registered trademarks and BradCommunications and Direct-Link are trademarks of Molex
© 2008 Molex Incorporated.
applicomIO® PCU-ETHIO
Software tools
applicomIO® software tools enable fast
integration of the fieldbus into your control
application. No matter the fieldbus; the
console remains the same.
- Configuration Console -
- Device Properties -
- Online Actions -
- Diagnostic and Test tools -
Hardware specifications
Bus interface
PCI rev 2.2, 32-bit, 33 MHz,
PCI Universal 3.3V/5V keying, PCI-X compatible
Processor
AMD SC520 - 133 MHz
Memory
SDRAM: 16 Mbytes
Flash: 4 Mbytes
Interruption
Hardware Plug&Play
DPRAM Address
Hardware Plug&Play (32 Kbytes used per card)
Dimensions (L x W)
168mm x 107mm (6.61" x 4.21")
Consumption
5.5 W
Operating Temperature
0º C (32º F) ↔ +65º C (149º F)
Storage Temperature
-40º C (-40º F) ↔ +85º C (185º F)
Discrete Input
1x Opto-coupled
Discrete Output
1x "WatchDog" (dry contact)
EMC Compliance
EN55022 Class B, EN61000-6-2, EN61000-3-2, EN61000-3-3
RoHS Compliance
YES
1 Ethernet port
Port type
Ethernet port IEEE 802.3 for industrial applications
Connector type
BaseT (RJ45)
Speed
10/100 Mbps (Auto-negotiation)
LED indicators
4 LEDs - TX, RX, Link, 100 Mbps
Remote Access
Also usable for remote and diagnostic configuration
Protocols supported
Protocol
Specifications
EtherNet/IP
EtherNet/IP - Explicit Msg and Implicit Msg (I/O Control)
I/O Master/Scanner and Slave according to EtherNet/IP specifications
Up to 128 simultaneous CIP based connections
EtherNet/IP Devices supported: Generic and Rockwell I/O through EDS
files (FlexIO, CompactLogix, etc)
IP address settings configurable via the console or DHCP/BOOTP server
Client DNS Supported
ODVA Conformance Tested
Ordering information
#SAP
Part Number
Product description
1120005030
DRL-EIP-PCU
BradCommunications™ Direct-Link™ PCU-ETHIO Ethernet
card for EtherNet/IP Scanner/Adapter, PCI 3.3/ 5V bus
Also available
1120005029
DRL-EMB-PCU
BradCommunications™ Direct-Link™ PCU-ETHIO Ethernet
card for Modbus TCP/UDP Client, PCI 3.3/ 5V bus
1120005031
DRL-EPN-PCU
BradCommunications™ Direct-Link™ PCU-ETHIO Ethernet
card for PROFINET IO-Controller & IO-Device, PCI 3.3/ 5V
bus




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl