Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0908972642 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0908972642
Description  2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

0908972642 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0908972642 Datasheet HTML 1Page - Molex Electronics Ltd. 0908972642 Datasheet HTML 2Page - Molex Electronics Ltd. 0908972642 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0908972642
Status:
Active
Description:
2.54mm (.100) Pitch QF-50™, Right Angle, Dual Row with Eject Levers, Shrouded
Header, 64 Circuits, Strain Relief
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Ribbon Cable / Wire Trap Connectors
Series
90897
Comments
Din Eject Levers
Component Type
PCB Header
Glow-Wire Compliant
No
Product Name
QF-50™
Physical
Circuits (Loaded)
64
Circuits (maximum)
64
Color - Resin
Black
Durability (mating cycles max)
30
Entry Angle
90° Angle
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester Alloy
Number of Rows
2
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
Yes
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +105°C
Wire Insulation Diameter
N/A
Wire Size AWG
N/A
Wire/Cable Type
Ribbon Cable
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Sales Drawing
SDA-90897
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90897Series
This document was generated on 05/20/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0908972642

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0908972641 MOLEX11-0908972641 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header, 64 Circuits, Strain Relief
0908972643 MOLEX11-0908972643 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
More results

Similar Description - 0908972642

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0908971642 MOLEX11-0908971642 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
0908972401 MOLEX11-0908972401 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
0908971263 MOLEX11-0908971263 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
0908971501 MOLEX11-0908971501 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
0908971101 MOLEX11-0908971101 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
0908971261 MOLEX11-0908971261 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
0908971142 MOLEX11-0908971142 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
0908972643 MOLEX11-0908972643 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
0908971141 MOLEX11-0908971141 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
0908971401 MOLEX11-0908971401 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
0908971603 MOLEX11-0908971603 Datasheet
269Kb / 3P
   2.54mm (.100) Pitch QF-50, Right Angle, Dual Row with Eject Levers, Shrouded Header
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com