Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD612K Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # 2SD612K
Description  25V/35V, 2A Low-Frequency Power Amp Applications?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SD612K Datasheet(HTML) 7 Page - Sanyo Semicon Device

  2SD612K Datasheet HTML 1Page - Sanyo Semicon Device 2SD612K Datasheet HTML 2Page - Sanyo Semicon Device 2SD612K Datasheet HTML 3Page - Sanyo Semicon Device 2SD612K Datasheet HTML 4Page - Sanyo Semicon Device 2SD612K Datasheet HTML 5Page - Sanyo Semicon Device 2SD612K Datasheet HTML 6Page - Sanyo Semicon Device 2SD612K Datasheet HTML 7Page - Sanyo Semicon Device 2SD612K Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image


Similar Part No. - 2SD612K

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD612K ISC-2SD612K Datasheet
206Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD612K SAVANTIC-2SD612K Datasheet
163Kb / 4P
   Silicon NPN Power Transistors
More results

Similar Description - 2SD612K

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SB514 SANYO-2SB514 Datasheet
85Kb / 3P
   50V/2A Low-Frequency Power Amp Applications?
2SB560 SANYO-2SB560 Datasheet
405Kb / 5P
   Low-Frequency Power Amp Applications
logo
List of Unclassifed Man...
2SB511 ETC-2SB511 Datasheet
48Kb / 1P
   LOW FREQUENCY POWER AMP APPLICATIONS
logo
Sanyo Semicon Device
2SA1705 SANYO-2SA1705 Datasheet
133Kb / 4P
   Low-Frequency Power Amp Applications
2SD2028 SANYO-2SD2028 Datasheet
83Kb / 3P
   Low-Frequency Power Amp Applications
2SB1122 SANYO-2SB1122 Datasheet
117Kb / 4P
   Low-Frequency Power Amp Applications?
2SD1912 SANYO-2SD1912 Datasheet
701Kb / 8P
   LOW FREQUENCY POWER AMP APPLICATIONS
2SD331 SANYO-2SD331 Datasheet
740Kb / 9P
   Low Frequency Power Amp Applications
logo
List of Unclassifed Man...
2SA984K ETC-2SA984K Datasheet
42Kb / 1P
   LOW FREQUENCY POWER AMP APPLICATIONS
logo
Sanyo Semicon Device
2SK304 SANYO-2SK304 Datasheet
70Kb / 3P
   Low-Frequency Amp Applications?
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com