Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5008110010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5008110010
Description  Picoflex PF-50 IDT-to-IDT, 24 Circuits, 0.36m (1.18 ) Length
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5008110010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5008110010 Datasheet HTML 1Page - Molex Electronics Ltd. 5008110010 Datasheet HTML 2Page - Molex Electronics Ltd. 5008110010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5008110010
Status:
Active
Description:
Mini-HMC™ Rectangular Industrial Wire-to-Wire Cover, 40 Circuits, for Plug
Documents:
3D Model
Product Specification PS-500810-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
500811
Application
Panel-Mount, Wire-to-Wire
Component Type
Plug Shell Cover
Product Name
Mini-HMC™
Type
N/A
Physical
Boot Color
N/A
Circuits (Loaded)
N/A
Circuits (maximum)
40
Durability (mating cycles max)
50
Gender
Plug
Lock to Mating Part
Yes
Material - Metal
Aluminum, Stainless Steel, Steel
Material - Plating Mating
n/a
Number of Rows
0
Orientation
Vertical
PCB Locator
No
Packaging Type
Bag
Panel Mount
Screws
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Polarized to Mating Part
Yes
Polarized to PCB
N/A
Ports
0
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
N/A
Waterproof / Dustproof
Yes
Waterproof / Dustproof Type
IP65
Electrical
Current - Maximum per Contact
1.5A, 2.5A
Shield Type
Full Shield
Shielded
Yes
Voltage - Maximum
250V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Product Specification
PS-500810-001
Sales Drawing
SD-500811-001
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500811Series
Mates With
500809-0000 , 500809-0010
Use With
500812-1000 Plug, 500810-0000 Plug Shell,
500810-0010 Plug Shell
This document was generated on 04/13/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 5008110010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5008111010 MOLEX11-5008111010 Datasheet
137Kb / 3P
   Mini-HMC Rectangular Industrial Wire-to-Wire Cover, Right Angle, 40 Circuits, for Plug
More results

Similar Description - 5008110010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0923152436 MOLEX11-0923152436 Datasheet
100Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 24 Circuits, 0.36m (1.18 ) Length
0923150836 MOLEX11-0923150836 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 8 Circuits, 0.36m (1.18 ) Length
0923151236 MOLEX11-0923151236 Datasheet
93Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 12 Circuits, 0.36m (1.18 ) Length
0923150636 MOLEX11-0923150636 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 6 Circuits, 0.36m (1.18 ) Length
0923150436 MOLEX11-0923150436 Datasheet
101Kb / 2P
   Picoflex PF-50 IDT-to-IDT, 4 Circuits, 0.36m (1.18 ) Length
0923171036 MOLEX11-0923171036 Datasheet
134Kb / 2P
   Picoflex PF-50 IDT-to-IDT Z-Style, 10 Circuits, 0.36m (1.18 ) Length
0923170436 MOLEX11-0923170436 Datasheet
134Kb / 2P
   Picoflex PF-50 IDT-to-IDT Z-Style, 4 Circuits, 0.36m (1.18 ) Length
0923170436 MOLEX-0923170436_V01 Datasheet
35Kb / 2P
   Picoflex PF-50 IDT-to-IDT Z-Style, 4 Circuits, 0.36m Length
0923171036 MOLEX-0923171036_V01 Datasheet
35Kb / 2P
   Picoflex PF-50 IDT-to-IDT Z-Style, 10 Circuits, 0.36m Length
0923150436 MOLEX10-0923150436_V01 Datasheet
35Kb / 2P
   Picoflex PF-50 IDT-to-Picoflex PF-50 IDT Cable Assembly, 0.36m Length, Tin (Sn) Plating, 4 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com