Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5002541927 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 5002541927
Description  HDMI* Receptacle, Right Angle, SMT Solder Tails and Through Hole Shell Tabs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

5002541927 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  5002541927 Datasheet HTML 1Page - Molex Electronics Ltd. 5002541927 Datasheet HTML 2Page - Molex Electronics Ltd. 5002541927 Datasheet HTML 3Page - Molex Electronics Ltd. 5002541927 Datasheet HTML 4Page - Molex Electronics Ltd. 5002541927 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
5002541927
Status:
Active
Overview:
high_definition_multimedia_interface_hdmi
Description:
HDMI* Receptacle, Right Angle, SMT Solder Tails and Through Hole Shell Tabs
Documents:
3D Model
Product Specification PS-501194-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
500254
Application
Wire-to-Board
Component Type
Receptacle
Overview
high_definition_multimedia_interface_hdmi
Product Name
HDMI
Type
N/A
Physical
Circuits (Loaded)
19
Circuits (maximum)
19
Color - Resin
Black
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Orientation
Right Angle
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Embossed Tape on Reel
Panel Mount
No
Pitch - Mating Interface (in)
0.020 In
Pitch - Mating Interface (mm)
0.50 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Surface Mount
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
0.5A
Shielded
Yes
Voltage - Maximum
40V
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-500254-002
Product Specification
PS-501194-001, RPS-500254-008, RPS-88768-003
Sales Drawing
SD-500254-005
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
500254Series
Mates With
501194 HDMI cable assembly


Similar Part No. - 5002541927

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5002541931 MOLEX11-5002541931 Datasheet
283Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell Tabs, Use With M3x0.5 Screw
5002541941 MOLEX11-5002541941 Datasheet
274Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell
More results

Similar Description - 5002541927

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5002541941 MOLEX11-5002541941 Datasheet
274Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell
5002541931 MOLEX11-5002541931 Datasheet
283Kb / 5P
   HDMI Receptacle, Right Angle with Screw Flange, SMT Solder Tails and Through Hole Shell Tabs, Use With M3x0.5 Screw
0565790519 MOLEX1-0565790519_18 Datasheet
36Kb / 2P
   Mini USB, AB-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs,Lead-Free
0548190519 MOLEX1-0548190519_18 Datasheet
40Kb / 2P
   Mini USB, B-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs, Lead-Free
5000751517 MOLEX1-5000751517_18 Datasheet
34Kb / 2P
   Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs
5022370517 MOLEX1-5022370517 Datasheet
47Kb / 2P
   USB Mini-B Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
5000750517 MOLEX1-5000750517 Datasheet
34Kb / 2P
   Mini USB, B-Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs with Dimples
0513870578 MOLEX1-0513870578 Datasheet
37Kb / 2P
   Mini USB, B-Receptacle, Right-Angle, Short Body, Surface Mount Solder Tails and Through Hole Shell Tabs, with Cover Tape, Lead-Free
5000751517 MOLEX11-5000751517 Datasheet
129Kb / 3P
   USB On-The-Go (OTG) Mini-B Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs, Lead-free
5008252670 MOLEX11-5008252670 Datasheet
105Kb / 3P
   0.50mm (.020") Pitch Cradlecon I/O Receptacle, SMT, Right Angle, Through Hole Shell Tabs, 26 Circuits
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com