Electronic Components Datasheet Search |
|
TCDEM-8B4N-DYU Datasheet(PDF) 4 Page - Molex Electronics Ltd. |
|
TCDEM-8B4N-DYU Datasheet(HTML) 4 Page - Molex Electronics Ltd. |
4 / 4 page To contact us: www.woodhead.com North America: US: + 1-800-225-7724 – Canada: +1 (905) 624-6518 Europe: France: +33 (0)1 64 30 91 36 – Germany: +49 7252/94 96-0 – Italy: +39 026-6400321 United Kingdom: +44 1495 356300 Asia: Shanghai, China: +86 21-5835-9885 - Tianjin, China: +86 22-23321717 Singapore: +65 6268-6868 – Yamato, Japan: +81 46-265-2428 – Nagoya, Japan: +81 52-221-5950 Micro-Change & Mini-Change are registered trademarks and BradControl, BradConnectivity and Ultra-Lock are trademarks of Molex Incorporated. © 2007 Molex HarshIO 600 eMB LED Indicators Module & Input Power (I): Green –power present Off –power not connected Output Power (O): Green –power present Off –power not connected Display Box: Inform about Ethernet address, I/O and Watchdog status Input / Output (Ix / Ox): Green – input/output on Red – input/output fault Off – input/output off Ethernet Link (LNK 1/2): Solid Green – Ethernet link at 100 Mbit/s without activity. Flashing Green – Ethernet link at 100 Mbit/s with activity. Solid Yellow – Ethernet link at 10 Mbit/s without activity. Flashing Yellow – Ethernet link at 10 Mbit/s with activity. Technical Information I/O Configurations 16 inputs 14 inputs / 2 outputs 12 inputs / 4 outputs 8 inputs / 8 outputs 16 Universal & user configurable input / output channels I/O Connectors Micro-Change ® 5-pole M12 female BradConnectivity ™ Ultra-Lock™, internally threaded Ethernet Connectors 2 connectors 4-pole female M12 D-Coded Ultra-Lock Acting as a switch. Crossover capability Power Connectors Power in : male Mini-Change 4-pole or 5-pole Power out : female Mini-Change 4-pole or 5-pole Power Requirements Module & input power : 24 Vdc, Module output power : 24 Vdc (13 u 28 V), 8A max per bloc Communications Rate 10/100 Mbps auto-sensing, auto-detecting, full duplex IP Address Capabilities BOOTP (default), DHCP, static address Protocol Modbus (TCP & UDP) Function code: 01, 02, 03, 04, 05, 06, 15, 16, 23 Input Type Compatible with dry contact and PNP or NPN 3-wire switches. Electronic short circuit protection Input Delay 2.5 ms default or Configurable through Modbus messaging Input Device Supply 200 mA per port at 25°C Output Load Current Maximum 2.0 A per channel Electronic short circuit protection Max. Switching Freq. 200 Hz Housing Dimensions 60mm x 220mm x 20mm (2.36 x 8.66 x .78 inches) Mounting Dimensions 37.5 mm (1.48 inches) horizontal on centers 210 mm (8.27 inches) vertical on centers Center hole Operating Temperature -20ºC to 70ºC (-4ºF to 158ºF) Storage Temperature -40ºC to 85ºC (-40ºF to 185ºF) Protection IP67 according to IEC 60529 Vibration IEC 60068-2-6 Mechanical Shock 10G, 11ms, 3 axis Approvals CE, UL, cUL Ordering Information Part Number SAP number Product Description TCDEM-8D0N-DYU 112095-5021 8-port, M12 Ultra-Lock, 16 input, NPN TCDEM-8C2N-DYU 112095-5022 8-port, M12 Ultra-Lock, 14 input, 2 output, NPN TCDEM-8B4N-DYU 112095-5023 8-port, M12 Ultra-Lock, 12 input, 4 output, NPN TCDEM-888N-DYU 112095-5024 8-port, M12 Ultra-Lock, 8 input, 8 output, NPN TCDEM-8D0P-DYU 112095-5025 8-port, M12 Ultra-Lock, 16 input, PNP TCDEM-8C2P-DYU 112095-5026 8-port, M12 Ultra-Lock, 14 input, 2 output, PNP TCDEM-8B4P-DYU 112095-5027 8-port, M12 Ultra-Lock, 12 input, 4 output, PNP TCDEM-888P-DYU 112095-5028 8-port, M12 Ultra-Lock, 8 input, 8 output, PNP 4-pin Power TCDEM-8YYX-DYU 112095-5038 8-port, M12 Ultra-Lock, 16 I/O user configurable TCDEM-8D0N-D1U 112095-0007 8-port, M12 Ultra-Lock, 16 input, NPN TCDEM-8C2N-D1U 112095-0005 8-port, M12 Ultra-Lock, 14 input, 2 output, NPN TCDEM-8B4N-D1U 112095-0003 8-port, M12 Ultra-Lock, 12 input, 4 output, NPN TCDEM-888N-D1U 112095-0001 8-port, M12 Ultra-Lock, 8 input, 8 output, NPN TCDEM-8D0P-D1U 112095-0008 8-port, M12 Ultra-Lock, 16 input, PNP TCDEM-8C2P-D1U 112095-0006 8-port, M12 Ultra-Lock, 14 input, 2 output, PNP TCDEM-8B4P-D1U 112095-0004 8-port, M12 Ultra-Lock, 12 input, 4 output, PNP TCDEM-888P-D1U 112095-0002 8-port, M12 Ultra-Lock, 8 input, 8 output, PNP 5-pin Power TCDEM-8YYX-D1U 112095-0009 8-port, M12 Ultra-Lock, 16 I/O user configurable |
Similar Part No. - TCDEM-8B4N-DYU |
|
Similar Description - TCDEM-8B4N-DYU |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |