Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

91717-5001 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 91717-5001
Description  5.00mm (.197") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 7 Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

91717-5001 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  91717-5001 Datasheet HTML 1Page - Molex Electronics Ltd. 91717-5001 Datasheet HTML 2Page - Molex Electronics Ltd. 91717-5001 Datasheet HTML 3Page - Molex Electronics Ltd. 91717-5001 Datasheet HTML 4Page - Molex Electronics Ltd. 91717-5001 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0917175001
Status:
Active
Overview:
rast_25_connector_system
Description:
5.00mm (.197") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 7
Circuits
Documents:
3D Model
Product Specification PS-99020-0040 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
General
Product Family
IDT and Solder Connectors
Series
91717
Crimp Quality Equipment
Yes
Overview
rast_25_connector_system
Product Name
RAST 2.5
Use With
RAST standard interface
Physical
Circuits (Loaded)
7
Circuits (maximum)
7
Color - Resin
Natural (White)
Durability (mating cycles max)
10
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Nylon
Number of Rows
1
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.197 In
Pitch - Mating Interface (mm)
5.00 mm
Pitch - Term. Interface (in)
0.197 In
Pitch - Term. Interface (mm)
5.00 mm
Plating min: Mating (µin)
40
Plating min: Mating (µm)
1.00
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1.00
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-20C TO +120C
Termination Interface: Style
IDT or Pierce
Wire Size AWG
22, 24
Electrical
Current - Maximum per Contact
2A
Voltage - Maximum
250V AC
Material Info
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
91717Series
Mates With
Appli-Mate RAST 2.5 Header 93071
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
RAST 2.5 Semi-
Automatic
Terminator Machine
For Appli-Mate™
Connectors
0623006200
Manual Arbor Press,
RAST 2.5
0622017400


Similar Part No. - 91717-5001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
91717-1001 MOLEX11-91717-1001 Datasheet
313Kb / 5P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 3 Circuits, Fully Coded
91717-2001 MOLEX11-91717-2001 Datasheet
313Kb / 5P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 4 Circuits, Fully Coded
91717-2007 MOLEX11-91717-2007 Datasheet
311Kb / 5P
   5.00mm (.197") Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 4 Circuits, Position Keys A, B, D, E, & G
91717-3001 MOLEX11-91717-3001 Datasheet
313Kb / 5P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 5 Circuits, Fully Coded
91717-4001 MOLEX11-91717-4001 Datasheet
313Kb / 5P
   5.00mm (.197") Pitch Appli-Mate RAST 2.5 IDT Housing, Direct/Indirect, Female, 6 Circuits, Fully Coded
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com