Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB1231 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SB1231
Description  100V/25A Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SB1231 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SB1231 Datasheet HTML 1Page - Sanyo Semicon Device 2SB1231 Datasheet HTML 2Page - Sanyo Semicon Device 2SB1231 Datasheet HTML 3Page - Sanyo Semicon Device 2SB1231 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image


Similar Part No. - 2SB1231

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SB1231 ISC-2SB1231 Datasheet
267Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SB1231 NJSEMI-2SB1231 Datasheet
116Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - 2SB1231

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3994 SANYO-2SC3994_1 Datasheet
102Kb / 4P
   800V/25A Switching Regulator Applications
2SA1827 SANYO-2SA1827 Datasheet
130Kb / 4P
   100V/4A Switching Applications
2SB1232 SANYO-2SB1232 Datasheet
112Kb / 4P
   100V/40A Switching Applications
2SB1167 SANYO-2SB1167 Datasheet
126Kb / 4P
   100V/3A Switching Applications
2SA1826 SANYO-2SA1826 Datasheet
129Kb / 4P
   100V/3A Switching Applications
2SB1144 SANYO-2SB1144 Datasheet
130Kb / 4P
   100V/1.5A Switching Applications
2SB1168 SANYO-2SB1168 Datasheet
128Kb / 4P
   100V/4A Switching Applications
2SB1230 SANYO-2SB1230 Datasheet
116Kb / 4P
   100V/4A Switching Applications
SBT250-10JS SANYO-SBT250-10JS Datasheet
250Kb / 3P
   100V, 25A Rectifi er
logo
KIA Semiconductor Techn...
7610A KIA-7610A Datasheet
248Kb / 6P
   25A,100V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com