Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

89177-9234 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 89177-9234
Description  1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

89177-9234 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  89177-9234 Datasheet HTML 1Page - Molex Electronics Ltd. 89177-9234 Datasheet HTML 2Page - Molex Electronics Ltd. 89177-9234 Datasheet HTML 3Page - Molex Electronics Ltd. 89177-9234 Datasheet HTML 4Page - Molex Electronics Ltd. 89177-9234 Datasheet HTML 5Page - Molex Electronics Ltd. 89177-9234 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image


Similar Part No. - 89177-9234

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
89177-9250 MOLEX10-89177-9250 Datasheet
314Kb / 5P
   1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash
More results

Similar Description - 89177-9234

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0482006012 MOLEX6-0482006012 Datasheet
154Kb / 3P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out
0891779260 MOLEX10-0891779260 Datasheet
77Kb / 2P
   1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash
0891779250 MOLEX10-0891779250 Datasheet
314Kb / 5P
   1.27mm (.050) Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash
0482009260 MOLEX6-0482009260 Datasheet
295Kb / 5P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, Gold (Au) Flash, Voltage 3.3V
0482009232 MOLEX6-0482009232 Datasheet
296Kb / 6P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided, Dual
0482009221 MOLEX6-0482009221 Datasheet
295Kb / 5P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, 0.25關m (10關") Gold (Au) Plating
0482006030 MOLEX6-0482006030 Datasheet
133Kb / 2P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, Two End Cuts, Gold (Au) Flash, 120 Circuits
0482009211 MOLEX6-0482009211 Datasheet
296Kb / 6P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Plastic Peg, 0.25關m (10關") Gold (Au) Plating
0482009263 MOLEX6-0482009263 Datasheet
296Kb / 6P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector,Vertical, Double-Sided, Dual Read-Out, White, with Metal Peg, 0.76關m (30關") Gold
0482009223 MOLEX6-0482009223 Datasheet
295Kb / 5P
   1.27mm (.050") Pitch Compact PCI Slot, Board-to-Board Edge Card Connector, Vertical, Double-Sided
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com