Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0878101002 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0878101002
Description  1.00mm (.039) Pitch iCool??Low Profile VRM, Vertical, Through Hole, with Tower, with Beveled Metal Pins, 22 Signal, 88 Power, 0.76關m (30關) Gold (Au) Plating
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0878101002 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0878101002 Datasheet HTML 1Page - Molex Electronics Ltd. 0878101002 Datasheet HTML 2Page - Molex Electronics Ltd. 0878101002 Datasheet HTML 3Page - Molex Electronics Ltd. 0878101002 Datasheet HTML 4Page - Molex Electronics Ltd. 0878101002 Datasheet HTML 5Page - Molex Electronics Ltd. 0878101002 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0878101002
Status:
Active
Overview:
Description:
1.00mm (.039") Pitch iCool™ Low Profile VRM, Vertical, Through Hole, with Tower,
with Beveled Metal Pins, 22 Signal, 88 Power, 0.76µm (30µ") Gold (Au) Plating,
Leadfree
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Edge Card Connectors
Series
87810
Component Type
Edgecard to PCB
Overview
icool
Product Name
iCool™, VRM
Physical
Circuits (Loaded)
110
Circuits (maximum)
110
Circuits Detail
22 Signal, 88 Power
Color - Resin
Black
Durability (mating cycles max)
25
Entry Angle
Vertical (Top Entry)
Flammability
94V-0
Keying to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA), Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
PC Tail Length (in)
0.150 In
PC Tail Length (mm)
3.80 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.093 In
PCB Thickness Recommended (mm)
2.40 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
150
Plating min: Termination (µm)
3.81
Polarized to Mating Part
Yes
Temperature Range - Operating
-10°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
1A, 4A
Voltage - Maximum
48V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
245
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87810Series
Mates With
Voltage Regulator Module


Similar Part No. - 0878101002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878101001 MOLEX10-0878101001 Datasheet
309Kb / 6P
   1.00mm (.039) Pitch iCool??Low Profile VRM, Vertical, Through Hole, without Tower, with Beveled Metal Pins, 22 Signal, 88 Power, 0.76關m (30關) Gold (Au) Plating
More results

Similar Description - 0878101002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878101001 MOLEX10-0878101001 Datasheet
309Kb / 6P
   1.00mm (.039) Pitch iCool??Low Profile VRM, Vertical, Through Hole, without Tower, with Beveled Metal Pins, 22 Signal, 88 Power, 0.76關m (30關) Gold (Au) Plating
0780162001 MOLEX9-0780162001 Datasheet
343Kb / 7P
   1.00mm (.039) Pitch iCool??Low Profile VRM, Vertical, Surface Mount, with Tower,with Beveled Metal Pins, 0.76關m (30關") Gold (Au) Plating, Signal 22, Power 88
0877861011 MOLEX10-0877861011 Datasheet
316Kb / 6P
   1.00mm (.039) Pitch iCool??Low Profile VRM, Vertical, Surface Mount, with Latches, with Beveled Metal Pins, Signal 24, Power 70, 0.76關m(30關)Gold (Au) Plating
0877861002 MOLEX10-0877861002 Datasheet
316Kb / 6P
   1.00mm (.039) Pitch iCool??Low Profile VRM, Vertical, Surface Mount, with Latches, with Beveled Metal Pins, Signal 20, Power 72, 0.76關m(30關)Gold (Au) Plating
0780161001 MOLEX9-0780161001 Datasheet
277Kb / 5P
   1.00mm (.039) Pitch iCool??Low Profile VRM, Vertical, Surface Mount, with Towerwith Beveled Metal Pins, 0.76關m (30關") Gold (Au) Plating, Signal 20, Power 72,
0877871012 MOLEX10-0877871012 Datasheet
331Kb / 6P
   1.00mm (.039) Pitch iCool??Low Profile VRM Socket, VRM 11, Vertical, Through Hole, with Latches, with Beveled Metal Pins, Signal 24, Power 70
0780790012 MOLEX9-0780790012 Datasheet
820Kb / 10P
   1.00mm (.039) Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Black Housing and Latches, 0.76關m (30關) Gold (Au) Plating
0780790011 MOLEX9-0780790011 Datasheet
820Kb / 10P
   1.00mm (.039) Pitch DDR3 DIMM Socket, Vertical, Through Hole, with Beveled Metal Pins, Black Housing and Latches, 0.76關m (30關) Gold (Au) Plating
0780610061 MOLEX9-0780610061 Datasheet
373Kb / 7P
   1.00mm (.039) Pitch Fully Buffered DIMM Socket, Vertical, Through Hole, 0.76關m (30關) Gold(Au) Selective Plating, 240 Circuits, with Beveled Metal Pins
0783210012 MOLEX9-0783210012 Datasheet
719Kb / 9P
   1.00mm (.039") Pitch DDR3 DIMM Socket, LLCR, Vertical, Through Hole, with Beveled Metal Pins, Black Housing and Latches, 0.76關m (30關") Gold (Au) Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com