Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

87834-4019 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 87834-4019
Description  2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 40 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

87834-4019 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  87834-4019 Datasheet HTML 1Page - Molex Electronics Ltd. 87834-4019 Datasheet HTML 2Page - Molex Electronics Ltd. 87834-4019 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical
Current - Maximum per Contact
2.5A
Voltage - Maximum
250V DC
Solder Process Data
Duration at Max. Process Temperature (seconds)
3
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-87835-001
Product Specification
PS-70246-100
Sales Drawing
SD-87834-025
This document was generated on 05/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 87834-4019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87834-4011 MOLEX10-87834-4011 Datasheet
138Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, Lead-free, 40 Circuits, Gold (Au) Flash, Beige, PCB Locators, without End Window
87834-4013 MOLEX10-87834-4013 Datasheet
106Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, Lead-free, 40 Circuits, 0.13關m (5關) Gold (Au) Selective Plating
87834-4017 MOLEX10-87834-4017 Datasheet
117Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, without PCB Locator, without End Window, Gold (Au) Flash, Polyester Housing
More results

Similar Description - 87834-4019

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0878341419 MOLEX10-0878341419 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 14 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878341019 MOLEX10-0878341019 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 10 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878345019 MOLEX10-0878345019 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 50 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878342419 MOLEX10-0878342419 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 24 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878342019 MOLEX10-0878342019 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 20 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878344419 MOLEX10-0878344419 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 44 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878342619 MOLEX10-0878342619 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 26 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878341619 MOLEX10-0878341619 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 16 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878343419 MOLEX10-0878343419 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 34 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
0878341219 MOLEX10-0878341219 Datasheet
126Kb / 3P
   2.54mm (.100) Pitch C-Grid짰 Header, Dual Row, Low Profile, Vertical, Shrouded, 12 Circuits, 0.13關m (5關) Gold (Au) Plating, Black, without PCB Locator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com