Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0879431101 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0879431101
Description  2.50mm (.098) / 3.50mm (.138) Pitch Wire-to-Board Female Crimp Terminal, Tin (Sn) Overall, 16 AWG, Reel Packaging, Lead-free
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879431101 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0879431101 Datasheet HTML 1Page - Molex Electronics Ltd. 0879431101 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0879431101
Status:
Active
Description:
2.50mm (.098") / 3.50mm (.138") Pitch Wire-to-Board Female Crimp Terminal, Tin (Sn)
Overall, 16 AWG, Reel Packaging, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Terminals
Series
87943
Crimp Quality Equipment
Yes
Product Name
N/A
Physical
Durability (mating cycles max)
30
Gender
Female
Material - Metal
Copper
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min: Mating (µin)
20
Plating min: Mating (µm)
0.50
Plating min: Termination (µin)
20
Plating min: Termination (µm)
0.50
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
1.87-2.45mm
Wire Size AWG
16
Wire Size mm²
1.31
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-87943-011
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87943Series
Use With
87943-7001 Receptacle Housing
This document was generated on 04/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0879431101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879432101 MOLEX10-0879432101 Datasheet
83Kb / 2P
   2.50mm (.098) / 3.50mm (.138) Pitch Wire-to-Board Female Crimp Terminal, Tin (Sn) Overall, 20 AWG, Reel Packaging, Lead-free
0879437001 MOLEX10-0879437001 Datasheet
103Kb / 2P
   2.50mm (.098) / 3.50mm (.138) Pitch Wire-to-Board Receptacle Housing with Fuse, 22 Circuits
More results

Similar Description - 0879431101

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879432101 MOLEX10-0879432101 Datasheet
83Kb / 2P
   2.50mm (.098) / 3.50mm (.138) Pitch Wire-to-Board Female Crimp Terminal, Tin (Sn) Overall, 20 AWG, Reel Packaging, Lead-free
0870610001 MOLEX9-0870610001 Datasheet
101Kb / 2P
   2.50mm (.098) / 3.50mm (.138) Pitch Low Profile Female Crimp Terminal, Tin (Sn) Overall
0503509001 MOLEX7-0503509001 Datasheet
99Kb / 3P
   2.50mm (.098") / 3.00mm (.118") Pitch Wire-to-Board Female Crimp Terminal, Tin (SnOverall, 16-18 AWG, Reel Packaging, Lead-free
0505359001 MOLEX7-0505359001 Datasheet
85Kb / 2P
   2.50mm (.098") / 3.00mm (.118") Pitch Wire-to-Board Female Crimp Terminal, 16-18 AWG, Reel
0008701039 MOLEX1-0008701039 Datasheet
112Kb / 2P
   2.50mm (.098") Pitch SPOX??Wire-to-Board Crimp Terminal, Reel
0365360001 MOLEX5-0365360001 Datasheet
96Kb / 2P
   MLX Crimp Terminal 42023, 14-16 AWG, Reel, Tin (Sn), Lead Free
0365360001 MOLEX1-0365360001_18 Datasheet
30Kb / 1P
   MLX Crimp Terminal 42023, 14-16 AWG, Reel, Tin (Sn), Lead Free
0508029001 MOLEX7-0508029001 Datasheet
101Kb / 3P
   2.50mm (.098") Pitch Crimp Terminal, Female, Brass, Reel
0879510001 MOLEX10-0879510001 Datasheet
87Kb / 3P
   2.50mm (.098) Pitch Header, Vertical, Through Hole, 8 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0008700102 MOLEX1-0008700102 Datasheet
85Kb / 3P
   2.50mm (.098") Pitch SPOX??Wire-to-Wire Male Crimp Terminal, Reel
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com