Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0879331007 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 0879331007
Description  1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 10 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879331007 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  0879331007 Datasheet HTML 1Page - Molex Electronics Ltd. 0879331007 Datasheet HTML 2Page - Molex Electronics Ltd. 0879331007 Datasheet HTML 3Page - Molex Electronics Ltd. 0879331007 Datasheet HTML 4Page - Molex Electronics Ltd. 0879331007 Datasheet HTML 5Page - Molex Electronics Ltd. 0879331007 Datasheet HTML 6Page - Molex Electronics Ltd. 0879331007 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image


Similar Part No. - 0879331007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879331211 MOLEX10-0879331211 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.38關m (15關) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
0879331215 MOLEX10-0879331215 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879331217 MOLEX10-0879331217 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.76關m (30關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
More results

Similar Description - 0879331007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879331211 MOLEX10-0879331211 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.38關m (15關) Gold (Au) Plating, Mating Pin Length 1.65mm (0.065), with Cap
0879331215 MOLEX10-0879331215 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879333015 MOLEX10-0879333015 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 30 Circuits, 0.05關m (2關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879331217 MOLEX10-0879331217 Datasheet
355Kb / 7P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 100 Circuits, 0.76關m (30關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120), with Cap
0879335031 MOLEX10-0879335031 Datasheet
174Kb / 4P
   1.27mm (.050) Pitch Wire-to-Board Header, Dual Row, SMT, Vertical, 50 Circuits, 0.38關m (15關) Gold (Au) Plating, Mating Pin Length 3.05mm (0.120)
0781208013 MOLEX9-0781208013 Datasheet
499Kb / 7P
   1.27mm (.050") Pitch Wire-to-Board Receptacle, Dual Row, Vertical, SMT, 0.25關m (10關") Gold (Au) Plating, without Kapton Tape, 80 Circuits
22-28-4107 MOLEX11-22-28-4107 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 10 Circuits, 0.76關m Gold (Au) Selective Plating,Mating Pin Length 8.13mm
22-28-4027 MOLEX11-22-28-4027 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 2 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
22-28-4026 MOLEX11-22-28-4026 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 2 Circuits, 0.76關m Gold (Au) Selective Plating, Mating Pin Length 6.09mm
22-28-4024 MOLEX11-22-28-4024 Datasheet
56Kb / 2P
   KK짰 254 Breakaway Header, Vertical, 2 Circuits, 0.38關m Gold (Au) Selective Plating, Mating Pin Length 8.13mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com