Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0879571010 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0879571010
Description  2.50mm (.098) Pitch Header, Right Angle, Through Hole, 10 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0879571010 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0879571010 Datasheet HTML 1Page - Molex Electronics Ltd. 0879571010 Datasheet HTML 2Page - Molex Electronics Ltd. 0879571010 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/05/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0879571010
Status:
Active
Description:
2.50mm (.098") Pitch Header, Right Angle, Through Hole, 10 Circuits, Tin (Sn) Overall
Plating, Tray Packaging, Lead-free
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
87957
Application
Board-to-Board, Wire-to-Board
Product Name
N/A
Physical
Breakaway
Yes
Circuits (Loaded)
10
Circuits (maximum)
10
Color - Resin
Black
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
None
Material - Metal
Brass
Material - Plating Mating
Tin
Material - Plating Termination
Nickel
Material - Resin
Nylon
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.146 In
PC Tail Length (mm)
3.71 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.098 In
Pitch - Mating Interface (mm)
2.50 mm
Pitch - Term. Interface (in)
0.098 In
Pitch - Term. Interface (mm)
2.50 mm
Plating min: Mating (µin)
200
Plating min: Mating (µm)
5.00
Plating min: Termination (µin)
49
Plating min: Termination (µm)
1.25
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
87957Series
Mates With
KK® 2.50mm (.098") Crimp Terminal
Housing


Similar Part No. - 0879571010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879571004 MOLEX10-0879571004 Datasheet
102Kb / 3P
   2.50mm (.098) Pitch Header, Right Angle, Through Hole, 4 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879571005 MOLEX10-0879571005 Datasheet
102Kb / 3P
   2.50mm (.098) Pitch Header, Right Angle, Through Hole, 5 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
More results

Similar Description - 0879571010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0879571004 MOLEX10-0879571004 Datasheet
102Kb / 3P
   2.50mm (.098) Pitch Header, Right Angle, Through Hole, 4 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879571005 MOLEX10-0879571005 Datasheet
102Kb / 3P
   2.50mm (.098) Pitch Header, Right Angle, Through Hole, 5 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879510001 MOLEX10-0879510001 Datasheet
87Kb / 3P
   2.50mm (.098) Pitch Header, Vertical, Through Hole, 8 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0022051101 MOLEX2-0022051101 Datasheet
243Kb / 5P
   2.50mm (.098) Pitch Header, Right Angle, Square Pin, 10 Circuits, Tin (Sn) Plating
0879141016 MOLEX10-0879141016 Datasheet
3Mb / 48P
   2.54mm (.100) Pitch C-Grid짰 Header, Through Hole, Dual Row, Vertical, 10 Circuits, 2.50關m (98.4關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910606 MOLEX10-0878910606 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 6 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910306 MOLEX10-0878910306 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 3 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878914006 MOLEX10-0878914006 Datasheet
770Kb / 10P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Breakaway, Vertical, 40 Circuits, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0879795006 MOLEX10-0879795006 Datasheet
227Kb / 4P
   2.00mm (.079) Pitch Milli-Grid??Breakaway Header, Horizontal Surface Mount, 50 Circuits, Tin (Sn) Overall Plating, Tray Packaging, Lead-free
0878910408 MOLEX10-0878910408 Datasheet
299Kb / 5P
   2.54mm (.100) Pitch KK짰 Header, Through Hole, Vertical, 4 Circuit, 2.50關m (100關) Tin (Sn) Overall Plating, Tray Packaging, Lead-free
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com