Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0905003015 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0905003015
Description  2.54mm (.100) Vertical, ZIF Receptacle, 15 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX10 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX10 - Molex Electronics Ltd.

0905003015 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0905003015 Datasheet HTML 1Page - Molex Electronics Ltd. 0905003015 Datasheet HTML 2Page - Molex Electronics Ltd. 0905003015 Datasheet HTML 3Page - Molex Electronics Ltd. 0905003015 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0905003015
Status:
Active
Overview:
ffc_fpc_throughhole
Description:
2.54mm (.100") Vertical, ZIF Receptacle, 15 Circuits
Documents:
3D Model
Product Specification PS-90500-011 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
FFC/FPC Connectors
Series
90500
Overview
ffc_fpc_throughhole
Product Name
N/A
Physical
Circuits (Loaded)
15
Color - Resin
Black
Contact Position
N/A
Durability (mating cycles max)
50
Entry Angle
Vertical
Flammability
94V-0
Mated Height (in)
0.346 In
Mated Height (mm)
8.80 mm
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
1
Orientation
Vertical
PC Tail Length (in)
0.118 In
PC Tail Length (mm)
3.00 mm
PCB Retention
None
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.100 In
Pitch - Mating Interface (mm)
2.54 mm
Plating min: Mating (µin)
120
Plating min: Mating (µm)
3.00
Plating min: Termination (µin)
120
Plating min: Termination (µm)
3.00
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Wire/Cable Type
FFC/FPC
Electrical
Current - Maximum per Contact
0.5A, 1A
Voltage - Maximum
250V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
90500Series


Similar Part No. - 0905003015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0905003013 MOLEX10-0905003013 Datasheet
171Kb / 4P
   2.54mm (.100) Vertical, ZIF Receptacle, 13 Circuits
0905003016 MOLEX10-0905003016 Datasheet
171Kb / 4P
   2.54mm (.100) Vertical, ZIF Receptacle, 16 Circuits
More results

Similar Description - 0905003015

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0022023153 MOLEX2-0022023153 Datasheet
139Kb / 2P
   2.54mm (.100) Vertical, Non-ZIF, Low Profile Receptacle, 15 Circuits
0905003007 MOLEX10-0905003007 Datasheet
171Kb / 4P
   2.54mm (.100) Vertical, ZIF Receptacle, 7 Circuits
0905003013 MOLEX10-0905003013 Datasheet
171Kb / 4P
   2.54mm (.100) Vertical, ZIF Receptacle, 13 Circuits
0905003016 MOLEX10-0905003016 Datasheet
171Kb / 4P
   2.54mm (.100) Vertical, ZIF Receptacle, 16 Circuits
0520451545 MOLEX7-0520451545 Datasheet
138Kb / 3P
   1.25mm (.049") Vertical, Non-ZIF Receptacle, 15 Circuits
0022153153 MOLEX2-0022153153 Datasheet
139Kb / 2P
   2.54mm (.100) Right Angle, Non-ZIF, Low Profile Receptacle, 15 Circuits
0022023053 MOLEX2-0022023053 Datasheet
139Kb / 2P
   2.54mm (.100) Vertical, Non-ZIF, Low Profile Receptacle, 5 Circuits
0022023073 MOLEX2-0022023073 Datasheet
139Kb / 2P
   2.54mm (.100) Vertical, Non-ZIF, Low Profile Receptacle, 7 Circuits
0022023093 MOLEX2-0022023093 Datasheet
139Kb / 2P
   2.54mm (.100) Vertical, Non-ZIF, Low Profile Receptacle, 9 Circuits
0022023143 MOLEX2-0022023143 Datasheet
139Kb / 2P
   2.54mm (.100) Vertical, Non-ZIF, Low Profile Receptacle, 14 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com